|
Electronic Component's Datasheet Search Site ![]() Mirror site (Language) : English , Chinese , German , Japanese , Russian , Korean , Spanish , French , Italian , Portuguese , Polish Electronic Components, Parts, Semiconductors, Diode, Triac, LED, Capacitor, Connector, LCD, Relay, Transistor, other information |
|
Featured Products and Offers |
|
|
Datasheet |
HA0001 - 1 - 150 MHz Amplifier - HBH Microwave GmbH |
|
|
| |||||||||||||||||||||||||||||||||||||
Related Electronics Part Number |
| Part Number | Components Description | Html View | Manufacturer |
| AD8330_08 | Low Cost DC to 150 MHz Variable Gain Amplifier | 1 2 3 4 5 More | Analog Devices |
| AD8044_04 | Quad 150 MHz Rail-to-Rail Amplifier | 1 2 3 4 5 More | Analog Devices |
| AD8330_06 | Low Cost DC to 150 MHz Variable Gain Amplifier | 1 2 3 4 5 More | Analog Devices |
| LM1203A | 150 MHz RGB Video Amplifier System | 1 2 3 4 5 More | National Semiconductor |
| AD8253 | 10 MHz 20 V/μs G = 1 10 100 1000 i CMOS® Programmable Gain Instrumentation Amplifier | 1 2 3 4 5 More | Analog Devices |
| RM914 | Power Amplifier Module for AMPS Applications 824-849 MHz | 1 2 3 4 5 More | Skyworks Solutions Inc. |
| MAAPSS0113 | DECT Power Amplifier 1880 - 1930 MHz | 1 2 3 4 5 More | Tyco Electronics |
| LMV651_07 | 12 MHz Low Voltage Low Power Amplifier | Coming Soon | National Semiconductor |
| BGD712C | 750 MHz 18.5 dB gain power doubler amplifier | 1 2 3 4 5 More | NXP Semiconductors |
| HMC372LP3_06 | GaAs PHEMT MMIC LOW NOISE AMPLIFIER 700 - 1000 MHz | 1 2 3 4 5 More | Hittite Microwave Corporation |
Datasheet Page |
1 |
Link URL |
|
|