|
Electronic Component's Datasheet Search Site ![]() Mirror site (Language) : English , Chinese , German , Japanese , Russian , Korean , Spanish , French , Italian , Portuguese , Polish Electronic Components, Parts, Semiconductors, Diode, Triac, LED, Capacitor, Connector, LCD, Relay, Transistor, other information |
|
Featured Products and Offers |
|
|
Datasheet |
T501 - 3.3V Surface Mount 5x7mm Stratum 3 HCMOS TCXO T501 - Connor-Winfield Corporation |
|
|
| |||||||||||||||||||||||||||||||||||||
Related Electronics Part Number |
| Part Number | Components Description | Html View | Manufacturer |
| BSOF3S3E | SURFACE MOUNT 3.3V STRATUM 3E HCMOS OCXO | 1 2 | Connor-Winfield Corporation |
| BSOV3S3 | SURFACE MOUNT 3.3V HCMOS STRATUM 3 OCXO | 1 2 | Connor-Winfield Corporation |
| CSOV3S3 | SURFACE MOUNT 3.3V HCMOS STRATUM 3 OCXO | 1 2 | Connor-Winfield Corporation |
| ASOF3S3P | 3.3V SURFACE MOUNT STRATUM 3 PLUS HCMOS OCXO | 1 2 | Connor-Winfield Corporation |
| ESOF3S3 | SURFACE MOUNT 3.3V HCMOS STRATUM 3 OCXO | 1 2 | Connor-Winfield Corporation |
| ASOV3S3 | SURFACE MOUNT 3.3V HCMOS STRATUM 3 OCXO | 1 2 | Connor-Winfield Corporation |
| D75J-038.88M | 5x7mm Surface Mount High Precision TCXO | 1 2 | Connor-Winfield Corporation |
| CMO3 | 3.3V 5x7mm Surface Mount Crystal Clock Oscillators | 1 2 | List of Unclassifed Manufacturers |
| OFA3BB2AA | 3.3V SURFACE MOUNT LVCMOS STRATUM 3 OCXO | 1 2 | Connor-Winfield Corporation |
| ASOF5S3 | SURFACE MOUNT 5.0V HCMOS STRATUM 3 OCXO | 1 2 | Connor-Winfield Corporation |
Datasheet Page |
1 2 |
Link URL |
|
|