|
Electronic Component's Datasheet Search Site ![]() Mirror site (Language) : English , Chinese , German , Japanese , Russian , Korean , Spanish , French , Italian , Portuguese , Polish Electronic Components, Parts, Semiconductors, Diode, Triac, LED, Capacitor, Connector, LCD, Relay, Transistor, other information |
|
Featured Products and Offers |
|
|
Datasheet |
BTA06 - 6A TRIACS - Suntac Electronic Corp. |
|
|
| |||||||||||||||||||||||||||||||||||||
Related Electronics Part Number |
| Part Number | Components Description | Html View | Manufacturer |
| MAC224A | Triacs Silicon Bidirectional Thyristors | 1 2 3 4 5 More | ON Semiconductor |
| MAC8D | Triacs Silicon Bidirectional Thyristors | 1 2 3 4 5 More | ON Semiconductor |
| BT136 | TRIACS | 1 2 3 4 5 | Unisonic Technologies |
| BTA24 | 25A TRIACS | 1 2 3 4 5 More | STMicroelectronics |
| BTA202X | 2 A Three-quadrant triacs high commutation | 1 2 3 4 5 More | NXP Semiconductors |
| T12XXXH | STANDAND TRIACS | 1 2 3 4 5 | STMicroelectronics |
| MAC15 | 15-A Silicon Triacs | 1 2 3 4 | GE Solid State |
| MAC9_05 | Triacs Silicon Bidirectional Thyristors | 1 2 3 4 5 More | ON Semiconductor |
| BT136E | TRIACS | 1 2 3 4 5 | Unisonic Technologies |
Datasheet Page |
1 2 3 4 |
Link URL |
|
|