|
Electronic Component's Datasheet Search Site ![]() Mirror site (Language) : English , Chinese , German , Japanese , Russian , Korean , Spanish , French , Italian , Portuguese , Polish Electronic Components, Parts, Semiconductors, Diode, Triac, LED, Capacitor, Connector, LCD, Relay, Transistor, other information |
|
Featured Products and Offers |
|
|
Datasheet |
OVA5AB1AA - 14 PIN DIP 5.0V STRATUM 3 HCMOS OCVCXO - Connor-Winfield Corporation |
|
|
| |||||||||||||||||||||||||||||||||||||
Related Electronics Part Number |
| Part Number | Components Description | Html View | Manufacturer |
| OVA5AA1AB | 14 PIN DIP 5.0V STRATUM 3 HCMOS OCVCXO | 1 2 | Connor-Winfield Corporation |
| EGOV5S3M | 14 PIN DIP 5.0V HCMOS STRATUM 3 OCVCXO with OVEN READY MONITOR | 1 2 | Connor-Winfield Corporation |
| AGOV5S3 | 14 PIN DIP 5.0V HCMOS STRATUM 3 OCXO | 1 2 | Connor-Winfield Corporation |
| AGOF5S3 | 14 PIN DIP 5.0V STRATUM 3 HCMOS OCXO | 1 2 | Connor-Winfield Corporation |
| EGOV3S3 | 14 PIN DIP 3.3V HCMOS STRATUM 3 OCVCXO | 1 2 | Connor-Winfield Corporation |
| AGOF5S3P | 14 PIN DIP 5.0V STRATUM 3 PLUS HCMOS OCXO | 1 2 | Connor-Winfield Corporation |
| CGOF5S3 | 14 PIN DIP 5.0V STRATUM 3 HCMOS OCXO | 1 2 | Connor-Winfield Corporation |
| DGOF5S3 | 14 PIN DIP 5.0V STRATUM 3 HCMOS OCXO | 1 2 | Connor-Winfield Corporation |
| OVA3HA1CB | 14 PIN DIP 3.3V HCMOS STRATUM 3 OCVCXO with OVEN READY MONITOR | 1 2 | Connor-Winfield Corporation |
Datasheet Page |
1 2 |
Link URL |
|
|