|
Electronic Component's Datasheet Search Site ![]() Mirror site (Language) : English , Chinese , German , Japanese , Russian , Korean , Spanish , French , Italian , Portuguese , Polish Electronic Components, Parts, Semiconductors, Diode, Triac, LED, Capacitor, Connector, LCD, Relay, Transistor, other information |
|
Featured Products and Offers |
|
|
Datasheet |
EGOV3S3 - 14 PIN DIP 3.3V HCMOS STRATUM 3 OCVCXO - Connor-Winfield Corporation |
|
|
| |||||||||||||||||||||||||||||||||||||
Related Electronics Part Number |
| Part Number | Components Description | Html View | Manufacturer |
| CGOV3S3 | 14 PIN DIP 3.3V STRATUM 3 HCMOS OCVCXO | 1 2 | Connor-Winfield Corporation |
| CGOF3S3 | 14 PIN DIP 3.3V HCMOS STRATUM 3 OCXO | 1 2 | Connor-Winfield Corporation |
| AGOF3S3 | 14 PIN DIP 3.3V HCMOS STRATUM 3 OCXO | 1 2 | Connor-Winfield Corporation |
| AGOV3S3 | 14 PIN DIP 3.3V LVMOS STRATUM 3 OCVCXO | 1 2 | Connor-Winfield Corporation |
| AGOV3S3G | 14 PIN DIP 3.3V LVMOS STRATUM 3 OCVCXO | 1 2 | Connor-Winfield Corporation |
| BGOV3S3G | 3.3V 14 PIN DIP STRATUM 3 LVCMOS VCOCXO | 1 2 | Connor-Winfield Corporation |
| CVXO-030S | Voltage Controlled Crystal Oscillator 8 & 14 Pin Dip 3.3V HCMOS | 1 | Crystek Corporation |
| A0V5ST3 | 14 Pin Dip HCMOS Stratum 3 Model | 1 2 | Connor-Winfield Corporation |
| N33XX | Clock Oscillator 14 Pin Dip 3.3V HCMOS | 1 | Crystek Corporation |
| S33XX | Clock Oscillator 8 Pin Dip 3.3V HCMOS | 1 | Crystek Corporation |
Datasheet Page |
1 2 |
Link URL |
|
|