![]() Datasheet Search System ![]() Mirror site : alldatasheet.net, alldatasheet.co.kr cn.alldatasheet.com Components, Electronics Parts, integrated circuits, diodes, triacs, and other semiconductors information |
Shortcut | |
|
Datasheet |
Z0103MN - 1A TRIACS - STMicroelectronics |
|
Click Here View Z0103MN Datasheet |
|
||||||||||||||||||||||||||
Related Electronics Part Number |
| Part Number | Components Description | Manufacturer |
| MAC9D | TRIACS 8.0 AMPERES RMS 400 thru 800 VOLTS | Motorola, Inc |
| BT134W | Triacs sensitive gate | NXP Semiconductors |
| BT137B | Triacs logic level | NXP Semiconductors |
| BT138X | Triacs sensitive gate | NXP Semiconductors |
| BTA208B | Three quadrant triacs high commutation | NXP Semiconductors |
| BTA212B | Three quadrant triacs guaranteed commutation | NXP Semiconductors |
| BTA216X | Three quadrant triacs high commutation | NXP Semiconductors |
| TIC266 | SILICON TRIACS | Power Innovations Ltd |
| BTA40A | STANDARD TRIACS | STMicroelectronics |
| T1235H | 12A TRIACS | STMicroelectronics |
Link URL |
|
|
Related keyword |
| Z0103MN Datasheet | Z0103MN Cross Reference | Z0103MN Schematic | Z0103MN Distributor | Z0103MN Datenblatt | Z0103MN RoHS |
| Z0103MN Equivalent | Z0103MN Application Notes | Z0103MN Data Sheet | Z0103MN component | Z0103MN Fiche Technique | Z0103MN Circuit |
|
Does ALLDATASHEET.COM help your business so far? |
All Rights Reserved© Alldatasheet.com 2003 - 2008 Contact us Privacy Policy Bookmark Link Exchange Site link Manufacturer |