|
Electronic Component's Datasheet Search Site ![]() Mirror site (Language) : English , Chinese , German , Japanese , Russian , Korean , Spanish , French , Italian , Portuguese , Polish Electronic Components, Parts, Semiconductors, Diode, Triac, LED, Capacitor, Connector, LCD, Relay, Transistor, other information |
|
Featured Products and Offers |
|
|
Datasheet |
AGOV3S3G-12.800 - 14 PIN DIP 3.3V LVMOS STRATUM 3 OCVCXO - Connor-Winfield Corporation |
|
|
| |||||||||||||||||||||||||||||||||||||
Related Electronics Part Number |
| Part Number | Components Description | Html View | Manufacturer |
| AGOV3S3 | 14 PIN DIP 3.3V LVMOS STRATUM 3 OCVCXO | 1 2 | Connor-Winfield Corporation |
| AGOF3S3 | 14 PIN DIP 3.3V HCMOS STRATUM 3 OCXO | 1 2 | Connor-Winfield Corporation |
| A0V5ST3 | 14 Pin Dip HCMOS Stratum 3 Model | 1 2 | Connor-Winfield Corporation |
| CGOV5S3 | 14 PIN DIP 5.0V STRATUM 3 OCXO | 1 2 | Connor-Winfield Corporation |
| CVXO-030S | Voltage Controlled Crystal Oscillator 8 & 14 Pin Dip 3.3V HCMOS | 1 | Crystek Corporation |
| AGOV5S3 | 14 PIN DIP 5.0V HCMOS STRATUM 3 OCXO | 1 2 | Connor-Winfield Corporation |
| CXOH | Temperature Compensated Crystal Oscillator Voltage Trim Option Available 14 Pin Dip 3.3V & 5V HCMOS/TTL | 1 | Crystek Corporation |
| AGOF5S3 | 14 PIN DIP 5.0V STRATUM 3 HCMOS OCXO | 1 2 | Connor-Winfield Corporation |
| N33XX | Clock Oscillator 14 Pin Dip 3.3V HCMOS | 1 | Crystek Corporation |
| AGOF5S3P | 14 PIN DIP 5.0V STRATUM 3 PLUS HCMOS OCXO | 1 2 | Connor-Winfield Corporation |
Datasheet Page |
1 2 |
Link URL |
|
|