![]() Datasheet Search System ![]() Mirror site : alldatasheet.net, alldatasheet.co.kr cn.alldatasheet.com Components, Electronics Parts, integrated circuits, diodes, triacs, and other semiconductors information |
Shortcut | |
|
Datasheet |
Z00607MA - 0.8A TRIAC - STMicroelectronics |
|
Click Here View Z00607MA Datasheet |
|
||||||||||||||||||||||||||
Related Electronics Part Number |
| Part Number | Components Description | Manufacturer |
| HML1225 | 0.8A 300.380 VOLTAGE SCRS IGT<200uA | Hi-Sincerity Mocroelectronics |
| MOCZ500 | OPTOISOLATOR ZERO CROSS TRIAC OUTPUT | Motorola, Inc |
| NTE56045 | TRIAC 16A Sensitive Gate | NTE Electronics |
| NTE5640 | TRIAC 2.5A | NTE Electronics |
| BCR12CM | Triac 12 Amperes/400-600 Volts | Powerex Power Semiconductors |
| T1020W | SNUBBERLESS TRIAC | STMicroelectronics |
| TLP3051F | OFFICE MACHINE HOUSEHOLD USE EQUIPMENT TRIAC DRIVERSOLID STATE RELAY | Toshiba Semiconductor |
| TM1641S-L | TO-220F 16A Triac | Sanken electric |
| IL440 | TRIAC PREDRIVER NON-ZERO CROSSING OPTOCOUPLER | Siemens Semiconductor Group |
Link URL |
|
|
Related keyword |
| Z00607MA Datasheet | Z00607MA Cross Reference | Z00607MA Schematic | Z00607MA Distributor | Z00607MA Datenblatt | Z00607MA RoHS |
| Z00607MA Equivalent | Z00607MA Application Notes | Z00607MA Data Sheet | Z00607MA component | Z00607MA Fiche Technique | Z00607MA Circuit |
|
Does ALLDATASHEET.COM help your business so far? |
All Rights Reserved© Alldatasheet.com 2003 - 2008 Contact us Privacy Policy Bookmark Link Exchange Site link Manufacturer |