|
Electronic Component's Datasheet Search Site ![]() Mirror site (Language) : English , Chinese , German , Japanese , Russian , Korean , Spanish , French , Italian , Portuguese , Polish Electronic Components, Parts, Semiconductors, Diode, Triac, LED, Capacitor, Connector, LCD, Relay, Transistor, other information |
|
Featured Products and Offers |
|
|
Datasheet |
AC54RA - 14 PIN DIP CMOS TRI-STATE CLOCK OSCILLATOR - Connor-Winfield Corporation |
|
|
| |||||||||||||||||||||||||||||||||||||
Related Electronics Part Number |
| Part Number | Components Description | Html View | Manufacturer |
| K3500G_07 | 8 pin DIP 3.3 Volt CMOS Clock Oscillator | 1 2 | MTRONPTI |
| M3EH_0611 | 8 pin DIP 3.3 Volt ECL/PECL Clock Oscillator | 1 | MTRONPTI |
| MHO+ | 14 pin DIP 5.0 Volt HCMOS/TTL Clock Oscillator | 1 | MTRONPTI |
| M3H_0611 | 8 pin DIP 3.3 or 5.0 Volt HCMOS/TTL Clock Oscillator | 1 | MTRONPTI |
| MHO3 | 14 pin DIP 3.3 Volt HCMOS/TTL Clock Oscillator | 1 2 | MTRONPTI |
| CCO-014014S | 8 & 14 Pin Dip 5V HCMOS/TTL Clock Oscillator | 1 | Crystek Corporation |
| N32XX | Clock Oscillator 14 Pin Dip 5V HCMOS/TTL | 1 | Crystek Corporation |
| N33XX | Clock Oscillator 14 Pin Dip 3.3V HCMOS | 1 | Crystek Corporation |
| CCO-030S | 8 & 14 Pin Dip 3.3V HCMOS Clock Oscillator | 1 | Crystek Corporation |
Datasheet Page |
1 2 |
Link URL |
|
|