|
Electronic Component's Datasheet Search Site ![]() Mirror site (Language) : English , Chinese , German , Japanese , Russian , Korean , Spanish , French , Italian , Portuguese , Polish Electronic Components, Parts, Semiconductors, Diode, Triac, LED, Capacitor, Connector, LCD, Relay, Transistor, other information |
|
Featured Products and Offers |
|
|
Datasheet |
U2794B - 1000-MHz Quadrature Demodulator - ATMEL Corporation |
|
|
| |||||||||||||||||||||||||||||||||||||
Related Electronics Part Number |
| Part Number | Components Description | Html View | Manufacturer |
| ADL5387 | 50 MHz to 2 GHz Quadrature Demodulator | 1 2 3 4 5 More | Analog Devices |
| ADL5382 | 700 MHz to 2.7 GHz Quadrature Demodulator | 1 2 3 4 5 More | Analog Devices |
| LT5575 | 800MHz to 2.7GHz High Linearity Direct Conversion Quadrature Demodulator | 1 2 3 4 5 More | Linear Technology |
| SKY73012 | 400 - 3900 MHz Direct Quadrature Demodulator | 1 2 3 4 5 More | Skyworks Solutions Inc. |
| SKY73013-306 | Direct Quadrature Demodulator 4.9-5.925 GHz Featuring No-Pull LO Architecture | 1 2 3 4 5 More | Skyworks Solutions Inc. |
| U2790B_06 | 1000-MHz Quadrature Modulator | 1 2 3 4 5 More | ATMEL Corporation |
| ICQ2716 | 200 - 600 MHz QUADRATURE DEMODULATOR WITH VGA | 1 2 3 4 5 More | IC MICROSYSTEMS |
| AD8333 | DC to 50 MHz Dual I/Q Demodulator and Phase Shifter | 1 2 3 4 5 More | Analog Devices |
| U6101B | IF System and I/Q Demodulator for Digital Satellite TV Transmissions | 1 2 3 4 5 More | TEMIC Semiconductors |
Datasheet Page |
1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 |
Link URL |
|
|