|
Electronic Component's Datasheet Search Site ![]() Mirror site (Language) : English , Chinese , German , Japanese , Russian , Korean , Spanish , French , Italian , Portuguese , Polish Electronic Components, Parts, Semiconductors, Diode, Triac, LED, Capacitor, Connector, LCD, Relay, Transistor, other information |
|
Featured Products and Offers |
|
|
Datasheet |
S20F - RECTIFIER, up to 2.5kV, 500mA, 300ns - Semtech Corporation |
|
|
| |||||||||||||||||||||||||||||||||||||
Related Electronics Part Number |
| Part Number | Components Description | Html View | Manufacturer |
| SDA2500UF | 0.5 AMPS 2.5kV thru 25kV ULTRAFAST RECOVERY RECTIFIER ASSEMBLY | 1 2 | Solid States Devices, Inc |
| SDA2500F | 0.5 AMPS 2.5kV thru 25kV FAST RECOVERY RECTIFIER ASSEMBLY | 1 2 | Solid States Devices, Inc |
| 3PF8 | RECTIFIER up to 1kV 3.25A 300ns | 1 2 3 4 | Semtech Corporation |
| SS0503EJ | Schottky Barrier Diode 30V 500mA Rectifier | 1 2 3 | Sanyo Semicon Device |
| F40A | RECTIFIER up to 6kV 100mA 300ns | 1 2 3 | Semtech Corporation |
| SS05015M | Schottky Barrier Diode 15V 500mA Rectifier | 1 2 3 | Sanyo Semicon Device |
| STTH16003 | High frequency secondary rectifier | 1 2 3 4 5 More | STMicroelectronics |
| PF75 | RECTIFIER 6kV 500mA 350ns PF75 | 1 2 3 | Semtech Corporation |
| TSCD052WS | 500mA Low Profile Chip Schottky Rectifier | 1 2 3 4 | TAITRON Components Incorporated |
| SDAH2500UF | 1.1 to 2 AMPS 2.5kV thru 25kV ULTRAFAST RECOVERY RECTIFIER ASSEMBLY | 1 2 | Solid States Devices, Inc |
Datasheet Page |
1 2 3 |
Link URL |
|
|