|
Electronic Component's Datasheet Search Site ![]() Mirror site : alldatasheet.net , alldatasheet.co.kr , cn.alldatasheet.com , alldatasheet.jp , alldatasheet.es , alldatasheet.fr Electronic Components, Parts, Semiconductors, Diode, Triac, LED, Capacitor, Connector, LCD, Relay, Transistor, other information |
Shortcut | |
|
Datasheet |
1N6122US - 500W Bipolar Transient Voltage Suppressor Surface Mount (US) - Semtech Corporation |
|
Click 1N6122US to view datasheet |
|
||||||||||||||||||||||||||
Related Electronics Part Number |
| Part Number | Components Description | Manufacturer |
| TVT03AW | 500W Surface Mount Transient Voltage Suppressor Arrays | TAITRON Components Incorporated |
| 3.0SMCJ_1 | 3000 Watts Surface Mount Transient Voltage Suppressor | Taiwan Semiconductor Company, Ltd |
| 1.5SMC_1 | 1500 Watts Surface Mount Transient Voltage Suppressor | Taiwan Semiconductor Company, Ltd |
| TGL41-6.8 | 400W Surface Mount Transient Voltage Suppressor | TAITRON Components Incorporated |
| 3.0SMCJ_06 | 3000W SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR | Won-Top Electronics |
| SMAJ5 | 400W Surface Mount Transient Voltage Suppressor | TAITRON Components Incorporated |
| SMAT70A_1 | 400W 600W SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR | Diodes Incorporated |
| 3.0SMCJ180 | 3000W SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR | Won-Top Electronics |
| P4SMA220 | Surface mount unidirectional and bidirectional Transient Voltage Suppressor Diodes | Diotec Semiconductor |
| 1.5SMC | SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR | Pan Jit International Inc. |
Link URL |
|
|
Related keyword |
| 1N6122US Datasheet | 1N6122US Cross Reference | 1N6122US Schematic | 1N6122US Distributor | 1N6122US Datenblatt | 1N6122US RoHS |
| 1N6122US Equivalent | 1N6122US Application Notes | 1N6122US Data Sheet | 1N6122US component | 1N6122US Fiche Technique | 1N6122US Circuit |
Sponsor of Alldatasheet |
|
|
Does ALLDATASHEET.COM help your business so far? |
About Alldatasheet | Advertisement | Partner program | Contact us | Privacy Policy | Bookmark | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com 2003 - 2009 |
| |