|
Electronic Component's Datasheet Search Site ![]() Mirror site (Language) : English , Chinese , German , Japanese , Russian , Korean , Spanish , French , Italian , Portuguese , Polish Electronic Components, Parts, Semiconductors, Diode, Triac, LED, Capacitor, Connector, LCD, Relay, Transistor, other information |
|
Featured Products and Offers |
|
|
Datasheet |
2PFT2 - RECTIFIER, up to 200V, 2.6A, 25ns - Semtech Corporation |
|
|
| |||||||||||||||||||||||||||||||||||||
Related Electronics Part Number |
| Part Number | Components Description | Html View | Manufacturer |
| MUR3020WT | Ultrafast Rectifier trr = 35ns IF AV = 30Amp VR = 200V | 1 2 3 4 5 More | International Rectifier |
| 1N5802 | RECTIFIER up to 150V 2.5A 25ns | 1 2 3 | Semtech Corporation |
| STTH16003 | High frequency secondary rectifier | 1 2 3 4 5 More | STMicroelectronics |
| MURB1520PBF | Ultrafast Rectifier trr = 35ns IF AV = 15Amp VR = 200V | 1 2 3 4 5 More | International Rectifier |
| MBRS3201T3_05 | 200V 3A Schottky Fast Soft−Recovery Power Rectifier SMC Power Surface Mount Package | 1 2 3 4 | ON Semiconductor |
| MBRS4201T3_07 | 200V 4A Schottky Fast Soft−Recovery Power Rectifier SMC Power Surface Mount Package | 1 2 3 4 | ON Semiconductor |
| 43CTQ080GPBF | Schottky Rectifier 2 x 20 A | 1 2 3 4 5 More | Vishay Siliconix |
| 50SQ060G | Schottky Rectifier 5 A | 1 2 3 4 5 More | Vishay Siliconix |
| 62CTQ030 | Schottky Rectifier 2 x 30 A | 1 2 3 4 5 More | Vishay Siliconix |
| 72CPQ030 | Schottky Rectifier 2 x 35 A | 1 2 3 4 5 More | Vishay Siliconix |
Datasheet Page |
1 2 3 4 |
Link URL |
|
|