|
Electronic Component's Datasheet Search Site ![]() Mirror site (Language) : English , Chinese , German , Japanese , Russian , Korean , Spanish , French , Italian , Portuguese , Polish Electronic Components, Parts, Semiconductors, Diode, Triac, LED, Capacitor, Connector, LCD, Relay, Transistor, other information |
|
Featured Products and Offers |
|
|
Datasheet |
NSS1C200T1G - 100 V, 2.0 A, Low VCE(sat) PNP Transistor - ON Semiconductor |
|
|
| |||||||||||||||||||||||||||||||||||||
Related Electronics Part Number |
| Part Number | Components Description | Html View | Manufacturer |
| NSS1C200LT1G | 100 V 3.0 A Low VCE sat PNP Transistor | 1 2 3 4 5 | ON Semiconductor |
| PBSS306PZ | 100 V 4.1 A PNP low VCEsat BISS transistor | 1 2 3 4 5 More | NXP Semiconductors |
| PBSS9110X | 100 V 1 A PNP low VCEsat BISS transistor | 1 2 3 4 5 More | NXP Semiconductors |
| NSS40200UW6T1G | 40 V 4.0 A Low VCE sat PNP Transistor | 1 2 3 4 5 | ON Semiconductor |
| PBSS3515E | 15 V 0.5 A PNP low VCEsat BISS transistor | 1 2 3 4 5 More | NXP Semiconductors |
| NSS20300MR6T1G_07 | 20 V 5 A Low VCE sat PNP Transistor | 1 2 3 4 5 | ON Semiconductor |
| ZXTP03200BG | 200V PNP Low VCE sat transistor | 1 2 3 4 5 More | Zetex Semiconductors |
| NSS40500UW3T2G | 40 V 6.0 A Low VCE sat PNP Transistor | 1 2 3 4 5 | ON Semiconductor |
| PBSS3540E | 40 V 500 mA PNP low VCEsat BISS transistor | 1 2 3 4 5 More | NXP Semiconductors |
| ZXTP03200BZ | 200V PNP Low VCE sat transistor | 1 2 3 4 5 More | Zetex Semiconductors |
Datasheet Page |
1 2 3 4 5 |
Link URL |
|
|