|
Electronic Component's Datasheet Search Site ![]() Mirror site (Language) : English , Chinese , German , Japanese , Russian , Korean , Spanish , French , Italian , Portuguese , Polish Electronic Components, Parts, Semiconductors, Diode, Triac, LED, Capacitor, Connector, LCD, Relay, Transistor, other information |
|
Featured Products and Offers |
|
|
Datasheet |
ISL9106IRZ-T - 1.2A 1.6MHz Low Quiescent Current High Efficiency Synchronous Buck Regulator - Intersil Corporation |
|
|
| |||||||||||||||||||||||||||||||||||||
Related Electronics Part Number |
| Part Number | Components Description | Html View | Manufacturer |
| ISL6273 | 1.2A Low Quiescent Current 1.5MHz High Efficiency Synchronous Buck Regulator | 1 2 3 4 5 More | Intersil Corporation |
| ISL9107 | 1.5A 1.6MHz Low Quiescent Current High Efficiency Synchronous Buck Regulator | 1 2 3 4 5 More | Intersil Corporation |
| ISL8013 | 3A Low Quiescent Current 1MHz High Efficiency Synchronous Buck Regulator | 1 2 3 4 5 More | Intersil Corporation |
| 34726 | 300mA High Efficiency Low Quiescent Current Synchronous Buck Regulator With Z-mode | 1 2 3 4 5 More | Freescale Semiconductor, Inc |
| ISL8012 | 2A Low Quiescent Current 1MHz High Efficiency Synchronous Buck Regulator | 1 2 3 4 5 More | Intersil Corporation |
| 34727 | 600mA High Efficiency Low Quiescent Current Synchronous Buck Regulator With Z-mode | 1 2 3 4 5 More | Freescale Semiconductor, Inc |
| ISL8014 | 4A Low Quiescent Current 1MHz High Efficiency Synchronous Buck Regulator | 1 2 3 4 5 More | Intersil Corporation |
Datasheet Page |
1 2 3 4 5 6 7 8 9 10 11 12 13 |
Link URL |
|
|