|
Electronic Component's Datasheet Search Site ![]() Mirror site (Language) : English , Chinese , German , Japanese , Russian , Korean , Spanish , French , Italian , Portuguese , Polish Electronic Components, Parts, Semiconductors, Diode, Triac, LED, Capacitor, Connector, LCD, Relay, Transistor, other information |
|
Featured Products and Offers |
|
|
Datasheet |
AT27BV010-90VI - 1-Megabit (128K x 8) Unregulated Battery-Voltage OTP EPROM - ATMEL Corporation |
|
|
| |||||||||||||||||||||||||||||||||||||
Related Electronics Part Number |
| Part Number | Components Description | Html View | Manufacturer |
| AT27C010_07 | 1-Megabit 128K x 8 OTP EPROM | 1 2 3 4 5 More | ATMEL Corporation |
| AT27C1024_07 | 1-Megabit 64K x 16 OTP EPROM | 1 2 3 4 5 More | ATMEL Corporation |
| M27C64A_06 | 64 Kbit 8Kb x8 UV EPROM and OTP EPROM | 1 2 3 4 5 More | STMicroelectronics |
| M27C1024 | 1 Mbit 64Kb x16 UV EPROM and OTP EPROM | 1 2 3 4 5 More | STMicroelectronics |
| M27V160_06 | 16 Mbit 2Mb x8 or 1Mb x16 Low Voltage UV EPROM and OTP EPROM | 1 2 3 4 5 More | STMicroelectronics |
| M27V322_06 | 32 Mbit 2Mb Ã16 low-voltage UV EPROM and OTP EPROM | 1 2 3 4 5 More | STMicroelectronics |
| AT29C010A_02 | 1-Megabit 128K x 8 5-volt Only Flash Memory | 1 2 3 4 5 More | ATMEL Corporation |
| M27C512_07 | 512 Kbit 64K x8 UV EPROM and OTP EPROM | 1 2 3 4 5 More | STMicroelectronics |
| HT25LC512_04 | CMOS 64K x 8-Bit SPI Serial OTP EPROM | 1 2 3 4 5 More | Holtek Semiconductor Inc |
| M27W101_06 | 1 Mbit 128Kb x8 Low Voltage UV EPROM and OTP EPROM | 1 2 3 4 5 More | STMicroelectronics |
Datasheet Page |
1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 |
Link URL |
|
|