|
Electronic Component's Datasheet Search Site ![]() Mirror site (Language) : English , Chinese , German , Japanese , Russian , Korean , Spanish , French , Italian , Portuguese , Polish Electronic Components, Parts, Semiconductors, Diode, Triac, LED, Capacitor, Connector, LCD, Relay, Transistor, other information |
|
Featured Products and Offers |
|
|
Datasheet |
CS42435_07 - 108 dB, 192 kHz 4-In, 8-Out TDM CODEC - Cirrus Logic |
|
|
| |||||||||||||||||||||||||||||||||||||
Related Electronics Part Number |
| Part Number | Components Description | Html View | Manufacturer |
| CS42435 | 108 dB 192 kHz 4-In 8-Out TDM CODEC | 1 2 3 4 5 More | Cirrus Logic |
| CS42432_06 | 108 dB 192 kHz 4-In 6-Out TDM CODEC | 1 2 3 4 5 More | Cirrus Logic |
| CS42438_06 | 108 dB 192 kHz 6-in 8-out TDM CODEC | 1 2 3 4 5 More | Cirrus Logic |
| CS42432_07 | 108 dB 192 kHz 4-In 6-Out TDM CODEC | 1 2 3 4 5 More | Cirrus Logic |
| CS42888 | 108 dB 192 kHz 4-In 8-Out CODEC | 1 2 3 4 5 More | Cirrus Logic |
| CS42436_06 | 108 dB 192 kHz 6-in 6-out TDM CODEC | 1 2 3 4 5 More | Cirrus Logic |
| CS42448_06 | 108 dB 192 kHz 6-In 8-Out CODEC | 1 2 3 4 5 More | Cirrus Logic |
| CS5351_07 | 108 dB 192 kHz Multi-bit Audio A/D Converter | 1 2 3 4 5 More | Cirrus Logic |
| AD1937 | Four ADCs/Eight DACs with PLL 192 kHz 24-Bit Codec | 1 2 3 4 5 More | Analog Devices |
Datasheet Page |
1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 |
Link URL |
|
|