|
Electronic Component's Datasheet Search Site ![]() Mirror site (Language) : English , Chinese , German , Japanese , Russian , Korean , Spanish , French , Italian , Portuguese , Polish Electronic Components, Parts, Semiconductors, Diode, Triac, LED, Capacitor, Connector, LCD, Relay, Transistor, other information |
|
Featured Products and Offers |
|
|
Datasheet |
CS42324-DQZ - 10-In, 6-Out, 2 Vrms Audio CODEC - Cirrus Logic |
|
|
| |||||||||||||||||||||||||||||||||||||
Related Electronics Part Number |
| Part Number | Components Description | Html View | Manufacturer |
| CS42436_06 | 108 dB 192 kHz 6-in 6-out TDM CODEC | 1 2 3 4 5 More | Cirrus Logic |
| PCM3060 | 24-BIT 96/192-kHz ASYNCHRONOUS STEREO AUDIO CODEC | 1 2 3 4 5 More | Burr-Brown Corporation |
| CS4297A_06 | CrystalClear® SoundFusion⢠Audio Codec â97 | 1 2 3 4 5 More | Cirrus Logic |
| 92HD202 | 8-CHANNEL HIGH DEFINITION AUDIO CODEC | 1 2 3 4 5 More | Integrated Device Technology |
| EMP202 | Single-Chip Dual-Channel ACâ97 Audio Codec for PC Audio Systems | 1 2 3 4 5 More | List of Unclassifed Manufacturers |
| AD1884A | High Definition Audio SoundMAX Codec | 1 2 3 4 5 More | Analog Devices |
| TLV320AIC3204 | Ultra Low Power Stereo Audio Codec | 1 2 3 4 5 More | Texas Instruments |
| PCM3793A | 16-Bit Low-Power Stereo Audio CODEC With Microphone Bias Headphone and Digital Speaker Amplifier | 1 2 3 4 5 More | Burr-Brown Corporation |
| AD1987 | High Definition Audio SoundMAX Codec | 1 2 3 4 5 More | Analog Devices |
| CS4299_06 | CrystalClear SoundFusion Audio Codec 97 | 1 2 3 4 5 More | Cirrus Logic |
Datasheet Page |
1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 |
Link URL |
|
|