|
Electronic Component's Datasheet Search Site ![]() Mirror site (Language) : English , Chinese , German , Japanese , Russian , Korean , Spanish , French , Italian , Portuguese , Polish Electronic Components, Parts, Semiconductors, Diode, Triac, LED, Capacitor, Connector, LCD, Relay, Transistor, other information |
|
Featured Products and Offers |
|
|
Datasheet |
CS4245_07 - 104 dB, 24-Bit, 192 kHz Stereo Audio CODEC - Cirrus Logic |
|
|
| |||||||||||||||||||||||||||||||||||||
Related Electronics Part Number |
| Part Number | Components Description | Html View | Manufacturer |
| CS5345_07 | 104 dB 24-Bit 192 kHz Stereo Audio ADC | 1 2 3 4 5 More | Cirrus Logic |
| CS4340A_05 | 24-Bit 192 kHz Stereo DAC for Audio | 1 2 3 4 5 More | Cirrus Logic |
| ADAU1328 | 2 ADC/8 DAC with PLL 192 kHz 24-Bit Codec | 1 2 3 4 5 More | Analog Devices |
| AD1937 | Four ADCs/Eight DACs with PLL 192 kHz 24-Bit Codec | 1 2 3 4 5 More | Analog Devices |
| PCM3060 | 24-BIT 96/192-kHz ASYNCHRONOUS STEREO AUDIO CODEC | 1 2 3 4 5 More | Burr-Brown Corporation |
| AD1938 | 4 ADC/8 DAC with PLL 192 kHz 24-Bit CODEC | 1 2 3 4 5 More | Analog Devices |
| CS4392_04 | 24-Bit 192 kHz Stereo DAC with Volume Controlã | 1 2 3 4 5 More | Cirrus Logic |
| CS4340_05 | 24-Bit 96 kHz Stereo DAC for Audio | 1 2 3 4 5 More | Cirrus Logic |
| AD1974 | 4 ADC with PLL 192 kHz 24-Bit Codec | 1 2 3 4 5 More | Analog Devices |
| AD1928 | 2 ADC/8 DAC with PLL 192 kHz 24-Bit Codec | 1 2 3 4 5 More | Analog Devices |
Datasheet Page |
1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 |
Link URL |
|
|