|
Electronic Component's Datasheet Search Site ![]() Mirror site (Language) : English , Chinese , German , Japanese , Russian , Korean , Spanish , French , Italian , Portuguese , Polish Electronic Components, Parts, Semiconductors, Diode, Triac, LED, Capacitor, Connector, LCD, Relay, Transistor, other information |
|
Featured Products and Offers |
|
|
Datasheet |
PBHV8115T - 150 V, 1 A NPN high-voltage low VCEsat (BISS) transistor - NXP Semiconductors |
|
|
| |||||||||||||||||||||||||||||||||||||
Related Electronics Part Number |
| Part Number | Components Description | Html View | Manufacturer |
| PBHV8115T | 150 V 1 A NPN high-voltage low VCEsat BISS transistor | 1 2 3 4 5 More | NXP Semiconductors |
| PBHV8115Z | 150 V 1 A NPN high-voltage low VCEsat BISS transistor | 1 2 3 4 5 More | NXP Semiconductors |
| PBHV8540T | 500 V 0.5 A NPN high-voltage low VCEsat BISS transistor | 1 2 3 4 5 More | NXP Semiconductors |
| PBHV9040T | 500 V 0.25 A PNP high-voltage low VCEsat BISS transistor | 1 2 3 4 5 More | NXP Semiconductors |
| PBSS4220V | 20 V 2 A NPN low VCEsat BISS transistor | 1 2 3 4 5 More | NXP Semiconductors |
| PBSS302NZ | 20 V 5.8 A NPN low VCEsat BISS transistor | 1 2 3 4 5 More | NXP Semiconductors |
| PBSS303NX | 30 V 5.1 A NPN low VCEsat BISS transistor | 1 2 3 4 5 More | NXP Semiconductors |
| PBSS304NZ | 60 V 5.2 A NPN low VCEsat BISS transistor | 1 2 3 4 5 More | NXP Semiconductors |
Datasheet Page |
1 2 3 4 5 6 7 8 9 10 11 12 |
Link URL |
|
|