|
Electronic Component's Datasheet Search Site ![]() Mirror site (Language) : English , Chinese , German , Japanese , Russian , Korean , Spanish , French , Italian , Portuguese , Polish Electronic Components, Parts, Semiconductors, Diode, Triac, LED, Capacitor, Connector, LCD, Relay, Transistor, other information |
|
Featured Products and Offers |
|
|
Datasheet |
ATR0885 - 3-output Laser Driver for HD-DVD/ Blu-ray/DVD/ CD-ROM - ATMEL Corporation |
|
|
| |||||||||||||||||||||||||||||||||||||
Related Electronics Part Number |
| Part Number | Components Description | Html View | Manufacturer |
| BD7904FS | 5ch Power Driver for CD-ROM DVD-ROM | 1 2 3 4 5 More | Rohm |
| BA5954FP_1 | BLT Driver For CD-ROM | 1 2 3 4 5 More | Rohm |
| CXA2680ER | Five-Channel Dual CD/DVD Laser Driver for Ultra Combo Drives | 1 2 | Sony Corporation |
| BH6530KV | PMW motor driver IC for slim type CD-ROM | 1 2 | Rohm |
| BD7903FS | 5CH Power Driver for CD-ROM DVD-ROM | 1 2 3 4 5 More | Rohm |
| SY88982L | 3.3V 2.7Gbps High Current Low Power Laser Driver for FP/DFB Lasers | 1 2 3 4 5 More | Micrel Semiconductor |
| NX8340MD-CC | 1310 nm AIGaInAs MQW-DFB LASER DIODE MODULE WITH DRIVER IN SMT PACKAGE FOR 10 GB/s APPLICATIONS | 1 2 3 4 5 More | California Eastern Labs |
| W43023 | 4-Channel BTL Motor Driver for CD-ROM | 1 2 3 4 5 More | List of Unclassifed Manufacturers |
| ATR0849 | 4-Channel LVDS Laser Driver for Dual-layer Application | 1 2 3 4 5 More | ATMEL Corporation |
| ATR0839 | 4-Channel LVDS Laser Driver for Dual-layer Application | 1 2 3 4 5 More | ATMEL Corporation |
Datasheet Page |
1 2 3 4 5 6 |
Link URL |
|
|