|
Electronic Component's Datasheet Search Site ![]() Mirror site (Language) : English , Chinese , German , Japanese , Russian , Korean , Spanish , French , Italian , Portuguese , Polish Electronic Components, Parts, Semiconductors, Diode, Triac, LED, Capacitor, Connector, LCD, Relay, Transistor, other information |
|
Featured Products and Offers |
|
|
Datasheet |
CM309 - Metal Encapsulated SMD Crystals - AEL Crystals Ltd |
|
|
| |||||||||||||||||||||||||||||||||||||
Related Electronics Part Number |
| Part Number | Components Description | Html View | Manufacturer |
| CA32C3 | HC-49/US SMD Microprocessor Crystals | 1 | List of Unclassifed Manufacturers |
| DTA32C1 | 4 Pin Plastic SMD Microprocessor Crystals | 1 | List of Unclassifed Manufacturers |
| CT0402S14AHSG | Metal Oxide Varistors SMD multilayer varistor with Ni-barrier termination | 1 2 3 4 5 More | EPCOS |
| CT0603L25HSG | Metal Oxide Varistors SMD multilayer varistor with Ni-barrier termination | 1 2 3 4 5 More | EPCOS |
| ACTHC49-USSMXE-A | SMD crystals | 1 2 | Advanced Crystal Technology |
| RM126 | Low Cost Inverted Mesa Crystals Blanks 50 - 700 MHz for 5 x7 mm SMD & UM-1/HC45 | 1 2 | List of Unclassifed Manufacturers |
| AWS200S | 2.0mm and 2.5mm Plastic SMD Crystals | 1 | List of Unclassifed Manufacturers |
| MC14543B_06 | BCD−to−Seven Segment Latch/Decoder/Driver for Liquid Crystals | 1 2 3 4 5 More | ON Semiconductor |
| AB308 | HIGH FREQUENCY CYLINDRICAL TYPE MICROPROCESSOR CRYSTALS | 1 | Abracon Corporation |
| 49MJ | SURFACE-MOUNT CRYSTALS | 1 | EUROQUARTZ limited |
Datasheet Page |
1 |
Link URL |
|
|