|
Electronic Component's Datasheet Search Site ![]() Mirror site (Language) : English , Chinese , German , Japanese , Russian , Korean , Spanish , French , Italian , Portuguese , Polish Electronic Components, Parts, Semiconductors, Diode, Triac, LED, Capacitor, Connector, LCD, Relay, Transistor, other information |
|
Featured Products and Offers |
|
|
Datasheet |
CM200 - Plastic Moulded Watch Crystals - AEL Crystals Ltd |
|
|
| |||||||||||||||||||||||||||||||||||||
Related Electronics Part Number |
| Part Number | Components Description | Html View | Manufacturer |
| DTA32C1 | 4 Pin Plastic SMD Microprocessor Crystals | 1 | List of Unclassifed Manufacturers |
| CM200S | SMD-Uhrenquarze SMT Watch Crystals | 1 2 | List of Unclassifed Manufacturers |
| ABS15 | LOW PROFILE 32.768kHz CRYSTALS MOLDED PLASTIC SURFACE MOUNT | 1 | Abracon Corporation |
| ABSM2 | MICROPROCESSOR CRYSTALS MOLDED PLASTIC SURFACE MOUNT | 1 | Abracon Corporation |
| GWX_07 | Watch Crystals | 1 | Golledge Electronics Ltd |
| AWS200S | 2.0mm and 2.5mm Plastic SMD Crystals | 1 | List of Unclassifed Manufacturers |
| ACT132SMX | a low height plastic moulded package incorporating a cylinder type crystal. | 1 2 3 4 | Advanced Crystal Technology |
| ACT711S | ultra thin plastic moulded package with a maximum height of 1.4 mm. | 1 2 3 4 | Advanced Crystal Technology |
| MC14543B_06 | BCD−to−Seven Segment Latch/Decoder/Driver for Liquid Crystals | 1 2 3 4 5 More | ON Semiconductor |
| AB308 | HIGH FREQUENCY CYLINDRICAL TYPE MICROPROCESSOR CRYSTALS | 1 | Abracon Corporation |
Datasheet Page |
1 |
Link URL |
|
|