|
Electronic Component's Datasheet Search Site ![]() Mirror site (Language) : English , Chinese , German , Japanese , Russian , Korean , Spanish , French , Italian , Portuguese , Polish Electronic Components, Parts, Semiconductors, Diode, Triac, LED, Capacitor, Connector, LCD, Relay, Transistor, other information |
|
Featured Products and Offers |
|
|
Datasheet |
XO64 - 32.768kHz Low Power Clock Oscillator - EUROQUARTZ limited |
|
|
| |||||||||||||||||||||||||||||||||||||
Related Electronics Part Number |
| Part Number | Components Description | Html View | Manufacturer |
| XO53 | 5 x 3.2mm Low Power Consumption Clock Oscillator | 1 | EUROQUARTZ limited |
| 2560TK | Crystal Clock Oscillator Low Power Supply Voltage-driving Type | 1 | NIHON DEMPA KOGYO |
| ICS932S825 | Low Power Clock Chip for Serverworks HT2400 Servers | 1 2 3 4 5 More | Integrated Circuit Systems |
| EL6201_07 | Low Power 430MHz HFM Oscillator with Disable | 1 2 3 4 5 More | Intersil Corporation |
| LXO | Low Power Crystal Oscillator | 1 2 | STATEK CORPORATION |
| LXOM | Low Power Crystal Oscillator | 1 2 | STATEK CORPORATION |
| ASSFL | 3.3V LOW EMI SMD SPREAD SPECTRUM CLOCK OSCILLATOR | 1 2 | Abracon Corporation |
| RJK6014DPP | Silicon N Channel MOS FET High Speed Power Switching | 1 2 3 4 | Renesas Technology Corp |
| DQXO-3 | Low Power Crystal Oscillator | 1 2 | STATEK CORPORATION |
| ASSV_08 | 3.3V LOW EMI SMD SPREAD SPECTRUM CLOCK OSCILLATOR | 1 2 3 4 | Abracon Corporation |
Datasheet Page |
1 |
Link URL |
|
|