| Part Number | Components Description | Html View | Manufacturer |
| MMA6280QT | ±1.5 g - 6 g Dual Axis Low-g Micromachined Accelerometer | 1 2 3 4 5 More | Freescale Semiconductor, Inc |
| MMA6231Q | ±10g Dual Axis Micromachined Accelerometer | 1 2 3 4 5 More | Freescale Semiconductor, Inc |
| MMA6260Q | ±1.5g Dual Axis Micromachined Accelerometer | 1 2 3 4 5 More | Freescale Semiconductor, Inc |
| MMA6270QT | ±1.5 g - 6 g Dual Axis Low-g Micromachined Accelerometer | 1 2 3 4 5 More | Freescale Semiconductor, Inc |
| MMA6270QT_08 | ±1.5 g - 6 g Dual Axis Low-g Micromachined Accelerometer | 1 2 3 4 5 More | Freescale Semiconductor, Inc |
| MMA6280QT_08 | ±1.5 g - 6 g Dual Axis Low-g Micromachined Accelerometer | 1 2 3 4 5 More | Freescale Semiconductor, Inc |
| MMA6270QT_07 | ±1.5 g - 6 g Dual Axis Low-g Micromachined Accelerometer | 1 2 3 4 5 More | Freescale Semiconductor, Inc |
| MMA7331L | ±4g ±12g Three Axis Low-g Micromachined Accelerometer | 1 2 3 4 5 More | Freescale Semiconductor, Inc |
| MMA6281QT_07 | ±2.5g - 10g Two Axis Low-g Micromachined Accelerometer | 1 2 3 4 5 More | Freescale Semiconductor, Inc |
| MMA7340L_0708 | ±3g ±11g Three Axis Low-g Micromachined Accelerometer | 1 2 3 4 5 More | Freescale Semiconductor, Inc |
| MMA6270QT_07 | ±1.5 g - 6 g Dual Axis Low-g Micromachined Accelerometer | 1 2 3 4 5 More | Freescale Semiconductor, Inc |
| MMA6280QT | ±1.5 g - 6 g Dual Axis Low-g Micromachined Accelerometer | 1 2 3 4 5 More | Freescale Semiconductor, Inc |
| MMA6231Q | ±10g Dual Axis Micromachined Accelerometer | 1 2 3 4 5 More | Freescale Semiconductor, Inc |
| MMA6260Q | ±1.5g Dual Axis Micromachined Accelerometer | 1 2 3 4 5 More | Freescale Semiconductor, Inc |
| MMA6270QT | ±1.5 g - 6 g Dual Axis Low-g Micromachined Accelerometer | 1 2 3 4 5 More | Freescale Semiconductor, Inc |
| MMA6270QT_08 | ±1.5 g - 6 g Dual Axis Low-g Micromachined Accelerometer | 1 2 3 4 5 More | Freescale Semiconductor, Inc |
| MMA6280QT_08 | ±1.5 g - 6 g Dual Axis Low-g Micromachined Accelerometer | 1 2 3 4 5 More | Freescale Semiconductor, Inc |
| MMA7261QT_08 | ±2.5g - 10g Three Axis Low-g Micromachined Accelerometer | 1 2 3 4 5 More | Freescale Semiconductor, Inc |
| MMA7260QT | ±1.5g - 6g Three Axis Low-g Micromachined Accelerometer | 1 2 3 4 5 More | Freescale Semiconductor, Inc |
| MMA6271QT_07 | ±2.5g - 10g Two Axis Low-g Micromachined Accelerometer | 1 2 3 4 5 More | Freescale Semiconductor, Inc |