|
Electronic Component's Datasheet Search Site ![]() Mirror site (Language) : English , Chinese , German , Japanese , Russian , Korean , Spanish , French , Italian , Portuguese , Polish Electronic Components, Parts, Semiconductors, Diode, Triac, LED, Capacitor, Connector, LCD, Relay, Transistor, other information |
|
Featured Products and Offers |
|
|
Datasheet |
OC11E5A - AT-Cut Crystal - Sine Wave - 5.0 Volts - EUROQUARTZ limited |
|
|
| |||||||||||||||||||||||||||||||||||||
Related Electronics Part Number |
| Part Number | Components Description | Html View | Manufacturer |
| PPR | FAST RECOVERY SINGLE-PHASE FULL WAVE BRIDGE 5.0 AMPERES HEAT SINK MOUNTING 2.0 AMPERES FOR P.C. BOARD MOUNTING | 1 2 | Electronic devices inc. |
| ABM42CA | AT-CUT LOW COST CERAMIC SMD CRYSTAL | 1 2 | Abracon Corporation |
| HC49US | AT-CUT CRYSTAL UNIT | 1 | List of Unclassifed Manufacturers |
| AXIOM75 | OCXO with Sine Wave Output Low Phase Noise | 1 2 | Advanced XTAL Products |
| HS14 | 14 pin Dual-in-line Sine Wave Clock Oscillators | 1 | EUROQUARTZ limited |
| SF51 | CURRENT 5.0 Amperes VOLTAGE 50 to 600 Volts | 1 2 | Daesan Electronics Corp. |
| ABM63C | AT-CUT LOW COST CERAMIC SMD CRYSTAL | 1 2 | Abracon Corporation |
| HCM49 | AT-CUT CRYSTAL UNIT | 1 | List of Unclassifed Manufacturers |
| CXOSD5 | Temperature Compensated Crystal Oscillator 4 Pad SMD 3.3V & 5V Clipped Sine | 1 | Crystek Corporation |
| PN200501500VA001 | 500VA Pure Sine Wave Inverter | 1 2 3 4 5 | List of Unclassifed Manufacturers |
Datasheet Page |
1 |
Link URL |
|
|