|
Electronic Component's Datasheet Search Site ![]() Mirror site (Language) : English , Chinese , German , Japanese , Russian , Korean , Spanish , French , Italian , Portuguese , Polish Electronic Components, Parts, Semiconductors, Diode, Triac, LED, Capacitor, Connector, LCD, Relay, Transistor, other information |
|
Featured Products and Offers |
|
|
Datasheet |
GSR64 - 11.4 x 9.6 x 4.7mm SMD Sine Wave VCXO - EUROQUARTZ limited |
|
|
| |||||||||||||||||||||||||||||||||||||
Related Electronics Part Number |
| Part Number | Components Description | Html View | Manufacturer |
| GSR44 | 11.4 x 9.6 x 4.7mm SMD Sine Wave VCXO | 1 | EUROQUARTZ limited |
| GS42 | 11.4 x 9.6 x 2.5mm SMD Sine Wave VCXO | 1 | EUROQUARTZ limited |
| GSR42 | 11.4 x 9.6 x 2.5mm SMD Sine Wave VCXO | 1 | EUROQUARTZ limited |
| GSR62 | 11.4 x 9.6 x 2.5mm SMD Sine Wave VCXO | 1 | EUROQUARTZ limited |
| GPW64 | 11.4 x 9.6 x 4.7mm 6 pad SMD VCXO | 1 | EUROQUARTZ limited |
| GDF64 | 11.4 x 9.6 x 4.7mm SMD VCXO | 1 | EUROQUARTZ limited |
| GDW64 | 11.4 x 9.6 x 4.7mm 6 pad SMD VCXO | 1 | EUROQUARTZ limited |
| GPA64 | 11.4 x 9.6 x 4.7mm SMD VCXO | 1 | EUROQUARTZ limited |
| GPW62 | 11.4 x 9.6 x 2.5mm 6 pad SMD VCXO | 1 | EUROQUARTZ limited |
| EQHM44 | 11.4 x 9.6 x 4.7mm SMD Spread Spectrum Clock Ocillator | 1 2 | EUROQUARTZ limited |
Datasheet Page |
1 |
Link URL |
|
|