|
Electronic Component's Datasheet Search Site ![]() Mirror site (Language) : English , Chinese , German , Japanese , Russian , Korean , Spanish , French , Italian , Portuguese , Polish Electronic Components, Parts, Semiconductors, Diode, Triac, LED, Capacitor, Connector, LCD, Relay, Transistor, other information |
|
Featured Products and Offers |
|
|
Datasheet |
GPA64 - 11.4 x 9.6 x 4.7mm SMD VCXO - EUROQUARTZ limited |
|
|
| |||||||||||||||||||||||||||||||||||||
Related Electronics Part Number |
| Part Number | Components Description | Html View | Manufacturer |
| GDF64 | 11.4 x 9.6 x 4.7mm SMD VCXO | 1 | EUROQUARTZ limited |
| GDW64 | 11.4 x 9.6 x 4.7mm 6 pad SMD VCXO | 1 | EUROQUARTZ limited |
| EQHM44 | 11.4 x 9.6 x 4.7mm SMD Spread Spectrum Clock Ocillator | 1 2 | EUROQUARTZ limited |
| GDF62 | 11.4 x 9.6 x 2.5mm SMD VCXO | 1 | EUROQUARTZ limited |
| GDW62 | 11.4 x 9.6 x 2.5mm 6 pad SMD VCXO | 1 | EUROQUARTZ limited |
| GF64 | 11.4 x 9.6 x 4.7mm 6 pad SMD | 1 | EUROQUARTZ limited |
| GPA62 | 11.4 x 9.6 x 2.5mm SMD VCXO | 1 | EUROQUARTZ limited |
| EQHM42 | 11.4 x 9.6 x 2.5mm SMD Spread Spectrum Clock Ocillator | 1 2 | EUROQUARTZ limited |
| G42 | 11.4 x 9.6 x 2.5mm 4 pad SMD | 1 | EUROQUARTZ limited |
| VVD1 | SMD VCXO Package: 14.4 mm x 9.6 mm x 5.5 mm SMD Frequency Range: 1.0 MHz to 160.0 MHz | 1 2 | Vectron International, Inc |
Datasheet Page |
1 |
Link URL |
|
|