|
Electronic Component's Datasheet Search Site ![]() Mirror site (Language) : English , Chinese , German , Japanese , Russian , Korean , Spanish , French , Italian , Portuguese , Polish Electronic Components, Parts, Semiconductors, Diode, Triac, LED, Capacitor, Connector, LCD, Relay, Transistor, other information |
Featured Products and Offers |
|
|
Datasheet |
G42 - 11.4 x 9.6 x 2.5mm 4 pad SMD - EUROQUARTZ limited |
|
|
| |||||||||||||||||||||||||||||||||||||
Related Electronics Part Number |
| Part Number | Components Description | Html View | Manufacturer |
| EQHM42 | 11.4 x 9.6 x 2.5mm SMD Spread Spectrum Clock Ocillator | 1 2 | EUROQUARTZ limited |
| EQHM44 | 11.4 x 9.6 x 4.7mm SMD Spread Spectrum Clock Ocillator | 1 2 | EUROQUARTZ limited |
| ACT421SMX-4 | 4 pad high quality low aging SMD Crystal | 1 | Advanced Crystal Technology |
| EM62GT33-32.768K-2.5 | HCMOS 6 pad SMD kHz Range | 1 | EUROQUARTZ limited |
| EMV64GT | HCMOS 6 pad SMD V Group | 1 | EUROQUARTZ limited |
| VVD1 | SMD VCXO Package: 14.4 mm x 9.6 mm x 5.5 mm SMD Frequency Range: 1.0 MHz to 160.0 MHz | 1 2 | Vectron International, Inc |
| EM62S | Clipped Sinewave 6 Pad FR4 substrate SMD | 1 | EUROQUARTZ limited |
| EMV64T | HCMOS 6 pad SMD V Group | 1 | EUROQUARTZ limited |
| ACT634SMX-2 | low cost 2 pad high quality low aging 6x3.5mm SMD | 1 2 3 4 5 More | Advanced Crystal Technology |
| EM42GS | Clipped Sinewave 4 Pad FR4 substrate SMD | 1 | EUROQUARTZ limited |
Datasheet Page |
1 |
Link URL |
|
|