|
Electronic Component's Datasheet Search Site ![]() Mirror site (Language) : English , Chinese , German , Japanese , Russian , Korean , Spanish , French , Italian , Portuguese , Polish Electronic Components, Parts, Semiconductors, Diode, Triac, LED, Capacitor, Connector, LCD, Relay, Transistor, other information |
|
Featured Products and Offers |
|
|
Datasheet |
ADG1517 - 1.6 Ω On Resistance, 15 V iCMOS SPST Switch - Analog Devices |
|
|
| |||||||||||||||||||||||||||||||||||||
Related Electronics Part Number |
| Part Number | Components Description | Html View | Manufacturer |
| ADG1411 | 2⦠Max On Resistance ±15 V/12 V/±5 V iCMOS⢠Quad SPST Switch | 1 2 3 4 5 More | Analog Devices |
| DG211_05 | SPST 4-Channel Analog Switch | 1 2 3 4 5 More | Intersil Corporation |
| HI-200883 | Dual SPST CMOS Analog Switch | 1 2 3 4 5 More | Intersil Corporation |
| MASW-007070-000100 | GaAs SPST Switch Absorptive Single Supply DC-4.0 GHz | 1 2 3 4 5 | Tyco Electronics |
| SW-215-PIN | Matched GaAs SPST Switch 5 - 3000 MHz | 1 2 3 | Tyco Electronics |
| NLMD5820 | 2.65 W Filterless Class-D Audio Amplifier with Integrated Dual SPST Switch | 1 2 3 4 5 More | ON Semiconductor |
| DG2747 | 0.4-Ω Low Voltage Dual SPST Analog Switch | 1 2 3 4 5 More | Vishay Siliconix |
| DG308A_01 | Quad Monolithic SPST CMOS Analog Switch | 1 2 3 4 5 More | Intersil Corporation |
| MASW-007071-000100 | GaAs SPST Switch Absorptive Single Supply DC-4.0 GHz | 1 2 3 4 5 | Tyco Electronics |
| HMC231G7_07 | GaAs MMIC SMT HIGH ISOLATION SPST SWITCH DC - 6.0 GHz | 1 2 3 4 5 More | Hittite Microwave Corporation |
Datasheet Page |
1 2 3 4 5 6 7 8 9 10 11 12 |
Link URL |
|
|