Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MC10XS3412 Datasheet (PDF) - Freescale Semiconductor, Inc

MC10XS3412 Datasheet PDF - Freescale Semiconductor, Inc
Part # MC10XS3412
Download  MC10XS3412 Download

File Size   2567.54 Kbytes
Page   51 Pages
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc
Description Quad High Side Switch (Dual 10m廓, Dual 12m廓)

MC10XS3412 Datasheet (PDF)

Go To PDF Page Download Datasheet
MC10XS3412 Datasheet PDF - Freescale Semiconductor, Inc

Part # MC10XS3412
Download  MC10XS3412 Click to download

File Size   2567.54 Kbytes
Page   51 Pages
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc
Description Quad High Side Switch (Dual 10m廓, Dual 12m廓)

MC10XS3412 Datasheet (HTML) - Freescale Semiconductor, Inc

Back Button MC10XS3412 Datasheet HTML 1Page - Freescale Semiconductor, Inc MC10XS3412 Datasheet HTML 2Page - Freescale Semiconductor, Inc MC10XS3412 Datasheet HTML 3Page - Freescale Semiconductor, Inc MC10XS3412 Datasheet HTML 4Page - Freescale Semiconductor, Inc MC10XS3412 Datasheet HTML 5Page - Freescale Semiconductor, Inc MC10XS3412 Datasheet HTML 6Page - Freescale Semiconductor, Inc MC10XS3412 Datasheet HTML 7Page - Freescale Semiconductor, Inc MC10XS3412 Datasheet HTML 8Page - Freescale Semiconductor, Inc MC10XS3412 Datasheet HTML 9Page - Freescale Semiconductor, Inc MC10XS3412 Datasheet HTML 10Page - Freescale Semiconductor, Inc Next Button 



Similar Part No. - MC10XS3412

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MC10XS3412 FREESCALE-MC10XS3412 Datasheet
1Mb / 53P
   Quad High Side Switch (Dual 10 mOhm, Dual 12 mOhm)
logo
NXP Semiconductors
MC10XS3412 NXP-MC10XS3412 Datasheet
1Mb / 60P
   Quad high-side switch (dual 10 mOhm, dual 12 mOhm)
logo
Freescale Semiconductor...
MC10XS3412CHFK FREESCALE-MC10XS3412CHFK Datasheet
1Mb / 51P
   Quad High Side Switch (Dual 10 mOhm, Dual 12 mOhm)
logo
NXP Semiconductors
MC10XS3412CHFK NXP-MC10XS3412CHFK Datasheet
1Mb / 60P
   Quad high-side switch (dual 10 mOhm, dual 12 mOhm)
logo
Freescale Semiconductor...
MC10XS3412CPNA FREESCALE-MC10XS3412CPNA Datasheet
1Mb / 53P
   Quad High Side Switch (Dual 10 mOhm, Dual 12 mOhm)
More results


Similar Description - MC10XS3412

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MC10XS3435 FREESCALE-MC10XS3435 Datasheet
1Mb / 50P
   Quad High Side Switch (Dual 10m廓, Dual 35m廓)
MC15XS3400 FREESCALE-MC15XS3400 Datasheet
2Mb / 49P
   Quad High Side Switch (Quad 15m廓)
MC35XS3400 FREESCALE-MC35XS3400 Datasheet
2Mb / 45P
   Quad High Side Switch (Quad 35m廓)
logo
Infineon Technologies A...
BTT6010-1ERB INFINEON-BTT6010-1ERB Datasheet
1Mb / 47P
   Smart High-Side Power Switch, Single Channel 10m廓
Rev. 1.00 2019-03-09
BTT6030-2ERB INFINEON-BTT6030-2ERB Datasheet
1Mb / 55P
   Smart High-Side Power Switch Dual Channel, 32m廓
Rev.1.00 2019-03-09
BTT6100-2ERA INFINEON-BTT6100-2ERA Datasheet
1Mb / 47P
   Smart High-Side Power Switch Dual Channel, 100 m廓
Rev.1.00 2019-03-09
ITS4040D-EP-D INFINEON-ITS4040D-EP-D Datasheet
1Mb / 44P
   40 m廓 Dual Channel Smart High-Side Power Switch
Rev. 1.0 2018-06-14
BTT6050-2ERA INFINEON-BTT6050-2ERA Datasheet
1Mb / 53P
   Smart High-Side Power Switch Dual Channel, 50 m廓
Rev.1.00 2019-03-09
BTF6070-2ERV INFINEON-BTF6070-2ERV Datasheet
1Mb / 42P
   Smart High-Side Power Switch Dual Channel, 60 m廓
Rev. 1.00 2019-04-25
logo
Texas Instruments
TPS2HB35-Q1 TI1-TPS2HB35-Q1_V01 Datasheet
541Kb / 43P
[Old version datasheet]   40-V, 35-m廓 Dual-Channel Smart High-Side Switch
More results




About Freescale Semiconductor, Inc


Freescale Semiconductor was an American semiconductor company that was founded in 1948.
The company was a leading provider of microcontrollers, sensors, and other semiconductor products for various applications in the automotive, industrial, and consumer markets.
Freescale's products were known for their high performance, low power consumption, and small form factor.
The company was acquired by NXP Semiconductors in 2015, and its products and technologies continue to be developed and sold under the NXP brand.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com