Electronic Component's Datasheet Search Site

Mirror site :  alldatasheet.netalldatasheet.co.krcn.alldatasheet.comalldatasheet.jpalldatasheet.esalldatasheet.fr
Electronic Components, Parts, Semiconductors, Diode, Triac, LED, Capacitor, Connector, LCD, Relay, Transistor, other information
Part Name    
    Description 

Shortcut

        08055K4R7BBSTR(1)

Datasheet

    08055K4R7BBSTR - Thin-Film Technology - AVX Corporation

Click 08055K4R7BBSTR to view datasheet

Part No.08055K4R7BBSTR
Description Thin-Film Technology
Download 08055K4R7BBSTR Click to view
File Size 1826.14 Kbytes / 19 Pages
Maker AVX [AVX Corporation]
Homepage http://www.avx.com

Related Electronics Part Number

Part NumberComponents DescriptionManufacturer
B72500T0040M060Multilayer technology EPCOS
PIC18F1220_0718/20/28-Pin High-Performance Enhanced Flash Microcontrollers with 10-bit A/D and nanoWatt Technology Microchip Technology
PIC18F245828/40/44-Pin High-Performance Enhanced Flash USB Microcontrollers with 12-Bit A/D and nanoWatt Technology Microchip Technology
SZ3C1_07Surface Mount Silicon-Zener Diodes non-planar technology Diotec Semiconductor
LM95245Precision Remote Diode Digital Temperature Sensor with TruTherm¢ā BJT Beta Compensation Technology for 45nm Process National Semiconductor
L67502 to 5 phase controller with LTB technology for VR11.x and AMD6bit CPUs featuring I2C interface STMicroelectronics
VHP-3Bulk Metal¢ē Foil Technology Hermetically Sealed Power and Current Sensing Resistor with TCR of 2 ppm/”ĘC and Power up to 10 Watts Vishay Siliconix
1457_08Bulk Metal¢ē Foil Technology 18 Pin Dual-In-Line Hermetic Resistor Network Vishay Siliconix
VRMBulk Metal¢ē Foil Technology Industrial Miniature Precision Resistor with TCR of ”¾ 4 ppm/”ĘC and Tolerance to ”¾ 0.01 % Vishay Siliconix
GMBD4148high-speed switching application in hybrid thick-and thin-film circuits GTM CORPORATION

Link URL

Related keyword

  08055K4R7BBSTR Datasheet   08055K4R7BBSTR Cross Reference   08055K4R7BBSTR Schematic   08055K4R7BBSTR Distributor   08055K4R7BBSTR Datenblatt   08055K4R7BBSTR RoHS
  08055K4R7BBSTR Equivalent   08055K4R7BBSTR Application Notes   08055K4R7BBSTR Data Sheet   08055K4R7BBSTR component   08055K4R7BBSTR Fiche Technique   08055K4R7BBSTR Circuit

Sponsor of Alldatasheet




Japanese Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
ICBAIBAI.com


World wide Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
IC2IC.com

Does ALLDATASHEET.COM help your business so far?   

About Alldatasheet   |  Advertisement   |  Partner program   |  Contact us   |   Privacy Policy   |   Bookmark   |  Link Exchange   |  Manufacturer List
All Rights Reserved©Alldatasheet.com 2003 - 2009   


Mirror Sites
English : Alldatasheet.com  ,  Alldatasheet.net  ,  Alldatasheet.co.kr  |  Chinese :Cn.alldataseet.com  |  Japanese : Alldatasheet.jp  |  Spanish : Alldatasheet.es  |  French : Alldatasheet.fr