|
Electronic Component's Datasheet Search Site ![]() Mirror site (Language) : English , Chinese , German , Japanese , Russian , Korean , Spanish , French , Italian , Portuguese , Polish Electronic Components, Parts, Semiconductors, Diode, Triac, LED, Capacitor, Connector, LCD, Relay, Transistor, other information |
|
Featured Products and Offers |
|
|
Datasheet |
TS4041 - 1.225V MICROPOWER SHUNT VOLTAGE REFERENCE - STMicroelectronics |
|
|
| |||||||||||||||||||||||||||||||||||||
Related Electronics Part Number |
| Part Number | Components Description | Html View | Manufacturer |
| TS822 | 2.5V MICROPOWER SHUNT VOLTAGE REFERENCE | 1 2 3 4 5 More | STMicroelectronics |
| LT1634 | Micropower Precision Shunt Voltage Reference | 1 2 3 4 5 More | Linear Technology |
| TS821 | 1.225V MICROPOWER VOLTAGE REFERENCE | 1 2 3 4 5 More | STMicroelectronics |
| TS824-25 | HIGH THERMAL STABILITY MICROPOWER SHUNT VOLTAGE REFERENCE | 1 2 3 4 5 | STMicroelectronics |
| TS824-1.2 | HIGH THERMAL STABILITY MICROPOWER SHUNT VOLTAGE REFERENCE | 1 2 3 4 5 | STMicroelectronics |
| ZXRE4041 | SOT23 MICROPOWER 1.225V VOLTAGE REFERENCE | 1 2 3 4 | Zetex Semiconductors |
| AMS4040 | MICROPOWER SHUNT VOLTAGE REFERENCE | 1 2 3 4 5 More | Advanced Monolithic Systems |
| LM4431 | Micropower Shunt Voltage Reference | 1 2 3 4 5 More | National Semiconductor |
| AMS4041 | MICROPOWER SHUNT VOLTAGE REFERENCE | 1 2 3 4 5 More | Advanced Monolithic Systems |
| LM4050 | Precision Micropower Shunt Voltage Reference | 1 2 3 4 5 More | National Semiconductor |
Datasheet Page |
1 2 3 4 5 6 7 8 9 |
Link URL |
|
|