|
Electronic Component's Datasheet Search Site ![]() Mirror site (Language) : English , Chinese , German , Japanese , Russian , Korean , Spanish , French , Italian , Portuguese , Polish Electronic Components, Parts, Semiconductors, Diode, Triac, LED, Capacitor, Connector, LCD, Relay, Transistor, other information |
|
Featured Products and Offers |
|
|
Datasheet |
90SMXN - 32.768kHz SMD 8.7 x 3.8 x 2.5mm - EUROQUARTZ limited |
|
|
| |||||||||||||||||||||||||||||||||||||
Related Electronics Part Number |
| Part Number | Components Description | Html View | Manufacturer |
| ABS10 | 32.768kHz SMD LOW PROFILE CRYSTAL | 1 2 | Abracon Corporation |
| C153-SMD | 32.768KHz SMD | 1 | Crystek Corporation |
| ABS13 | 32.768kHz SMD LOW PROFILE CRYSTAL | 1 2 | Abracon Corporation |
| C195-SMD | 32.768KHz Ceramic SMD | 1 | Crystek Corporation |
| F254 | HCMOS 32.768kHz 4x2.5mm SMD Oscillator | 1 2 | Fox Electronics |
| AWS200S | 2.0mm and 2.5mm Plastic SMD Crystals | 1 | List of Unclassifed Manufacturers |
| ABS25 | 32.768kHz SMD LOW PROFILE CRYSTAL | 1 2 | Abracon Corporation |
| ABS09_08 | 32.768kHz SMD LOW PROFILE CRYSTAL | 1 2 | Abracon Corporation |
| ASFLK | 32.768kHz CERAMIC SMD CRYSTAL OSCILLATOR | 1 2 | Abracon Corporation |
| ABS13_08 | 32.768kHz SMD LOW PROFILE CRYSTAL | 1 2 | Abracon Corporation |
Datasheet Page |
1 |
Link URL |
|
|