|
Electronic Component's Datasheet Search Site ![]() Mirror site (Language) : English , Chinese , German , Japanese , Russian , Korean , Spanish , French , Italian , Portuguese , Polish Electronic Components, Parts, Semiconductors, Diode, Triac, LED, Capacitor, Connector, LCD, Relay, Transistor, other information |
|
Featured Products and Offers |
|
|
Datasheet |
21MS7.5A - Surface Mounted Monolithic Crystal Filters 21.4MHz & 45MHz - AEL Crystals Ltd |
|
|
| |||||||||||||||||||||||||||||||||||||
Related Electronics Part Number |
| Part Number | Components Description | Html View | Manufacturer |
| ACF21U | 21.4MHz and 45MHz MONOLITHIC CRYSTAL FILTERS | 1 | Abracon Corporation |
| ASCF21U | CERAMIC SURFACE-MOUNT 21.4MHz and 45MHz FUNDAMENTAL MONOLITHIC CRYSTAL FILTERS | 1 | Abracon Corporation |
| F90M20A | Monolithic Crystal Filters | 1 | ECM Electronics Limited. |
| F45M08B1 | Monolithic Crystal Filters | 1 | ECM Electronics Limited. |
| F21M08A | Monolithic Crystal Filters | 1 | ECM Electronics Limited. |
| ECF45 | Surface Mount Crystal Filters | 1 | ECM Electronics Limited. |
| F70M20A | Monolithic Crystal Filters | 1 | ECM Electronics Limited. |
| M1253_07 | Surface Mount Crystal | 1 2 | MTRONPTI |
| CX1HSM | Miniature Surface Mount Quartz Crystal for Series Oscillators | 1 2 | STATEK CORPORATION |
| DQXO3SM | Surface Mount Low Frequency Crystal Oscillator | 1 2 | STATEK CORPORATION |
Datasheet Page |
1 |
Link URL |
|
|