|
Electronic Component's Datasheet Search Site ![]() Mirror site (Language) : English , Chinese , German , Japanese , Russian , Korean , Spanish , French , Italian , Portuguese , Polish Electronic Components, Parts, Semiconductors, Diode, Triac, LED, Capacitor, Connector, LCD, Relay, Transistor, other information |
|
Featured Products and Offers |
|
|
Datasheet |
2SC2625 - POWER TRANSISTORS(10A,400V,80W) - Mospec Semiconductor |
|
|
| |||||||||||||||||||||||||||||||||||||
Related Electronics Part Number |
| Part Number | Components Description | Html View | Manufacturer |
| IRF340-343 | N-Channel Power MOSFETs 10A 350V/400V | 1 2 3 4 5 | Fairchild Semiconductor |
| STW16NA40 | N - CHANNEL 400V - 0.21ohm - 16A - TO-247/ISOWATT218 POWER MOS TRANSISTORS | 1 2 3 4 5 More | STMicroelectronics |
| MJE13007A | POWER TRANSISTORS 8A 400V 80W | 1 2 3 4 | Mospec Semiconductor |
| 2SC2555 | POWER TRANSISTORS 8.0A 400V 80W | 1 2 3 | Mospec Semiconductor |
| IRF740 | 10A 400V 0.550 Ohm N-Channel Power MOSFET | 1 2 3 4 5 More | Intersil Corporation |
| RF340 | 10A 400V 0.550 Ohm N-Channel Power MOSFET | 1 2 3 4 5 More | Intersil Corporation |
| HIRF740 | N-Channel Power MOSFET 400V 10A | 1 2 3 4 | Hi-Sincerity Mocroelectronics |
| BDT65 | SILICON DARLINGTON POWER TRANSISTORS | 1 2 3 4 5 More | List of Unclassifed Manufacturers |
| 2SK2677 | HVX-2 Series Power MOSFET 900V 10A | 1 2 3 4 5 More | Shindengen Electric Mfg.Co.Ltd |
| 2N2880 | 5 Amp 80V Planar NPN Power Transistors JAN JTX JANTXV JANS | 1 2 3 | Microsemi Corporation |
Datasheet Page |
1 2 3 |
Link URL |
|
|