|
Electronic Component's Datasheet Search Site ![]() Mirror site : alldatasheet.net , alldatasheet.co.kr , cn.alldatasheet.com , alldatasheet.jp , alldatasheet.es , alldatasheet.fr Electronic Components, Parts, Semiconductors, Diode, Triac, LED, Capacitor, Connector, LCD, Relay, Transistor, other information |
Shortcut | |
|
Datasheet |
08055U100CA4A - RF/Microwave C0G (NP0) Capacitors (RoHS) - AVX Corporation |
|
Click 08055U100CA4A to view datasheet |
|
||||||||||||||||||||||||||
Related Electronics Part Number |
| Part Number | Components Description | Manufacturer |
| C0402C121J5GAC | Surface Mount Ceramic Chip Capacitors - C0402 Series - C0G Dielectric | Kemet Corporation |
| C0201C100D3GAC | Surface Mount Ceramic Chip Capacitors - C0201 Series - C0G Dielectric | Kemet Corporation |
| C0402C471F3GAC | Surface Mount Ceramic Chip Capacitors - C0G Dielectric | Kemet Corporation |
| MKP479 | AC and Pulse Polypropylene Film Capacitors MKP Radial Epoxy Lacquered Type | Vishay Siliconix |
| SAL | Tantalum Capacitors | Sharma Electro Components,Inc |
| CC0603HNPO101J | CAPACITORS | ETC |
| 135D306X0006C2E3 | Wet Tantalum Capacitors Tantalum-Case with Glass-to-Tantalum Hermetic Seal For - 55 ”ĘC to + 200 ”ĘC Operation | Vishay Siliconix |
| B37830 | Multilayer Ceramic Capacitors Array | EPCOS |
| B41866 | Single-ended capacitors | EPCOS |
| B43304 | Snap-In Capacitors | EPCOS |
Link URL |
|
|
Related keyword |
| 08055U100CA4A Datasheet | 08055U100CA4A Cross Reference | 08055U100CA4A Schematic | 08055U100CA4A Distributor | 08055U100CA4A Datenblatt | 08055U100CA4A RoHS |
| 08055U100CA4A Equivalent | 08055U100CA4A Application Notes | 08055U100CA4A Data Sheet | 08055U100CA4A component | 08055U100CA4A Fiche Technique | 08055U100CA4A Circuit |
Sponsor of Alldatasheet |
|
|
Does ALLDATASHEET.COM help your business so far? |
About Alldatasheet | Advertisement | Partner program | Contact us | Privacy Policy | Bookmark | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com 2003 - 2009 |
| |