|
Electronic Component's Datasheet Search Site ![]() Mirror site (Language) : English , Chinese , German , Japanese , Russian , Korean , Spanish , French , Italian , Portuguese , Polish Electronic Components, Parts, Semiconductors, Diode, Triac, LED, Capacitor, Connector, LCD, Relay, Transistor, other information |
|
Featured Products and Offers |
|
|
Datasheet |
VCC6-107 - /-20 ppm LVPECL Oscillator - Vectron International, Inc |
|
|
| |||||||||||||||||||||||||||||||||||||
Related Electronics Part Number |
| Part Number | Components Description | Html View | Manufacturer |
| ACT9210 | LVPECL PECL LVDS OSCILLATOR | 1 2 | Advanced Crystal Technology |
| 635 | LVPECL or LVDS CLOCK OSCILLATOR | 1 2 3 4 | CTS Corporation |
| FXO-PC73 | LVPECL 7 x 5mm 3.3V Oscillator | 1 2 3 4 5 More | Fox Electronics |
| ACT9211 | LVPECL or LVDS Clock Oscillator | 1 | Advanced Crystal Technology |
| CVPD-914 | Differential LVPECL Voltage Controlled Crystal Oscillator 9X14 mm SMD 3.3V LVPECL | 1 | Crystek Corporation |
| CHEZ-A5BP | LVPECL Oscillator LVPECL Output | 1 | List of Unclassifed Manufacturers |
| ACT9212 | LVPECL LVDS OSCILLATOR | 1 2 | Advanced Crystal Technology |
| CVPD-920 | Differential LVPECL Voltage Controlled Crystal Oscillator 9X14 mm SMD 3.3V LVPECL | 1 | Crystek Corporation |
| CAEZ-A5BP22.5792TS | LVPECL Oscillator | 1 | List of Unclassifed Manufacturers |
| ACT9213 | LVPECL OSCILLATOR | 1 2 3 | Advanced Crystal Technology |
Datasheet Page |
1 2 3 4 5 6 |
Link URL |
|
|