|
Electronic Component's Datasheet Search Site ![]() Mirror site (Language) : English , Chinese , German , Japanese , Russian , Korean , Spanish , French , Italian , Portuguese , Polish Electronic Components, Parts, Semiconductors, Diode, Triac, LED, Capacitor, Connector, LCD, Relay, Transistor, other information |
|
Featured Products and Offers |
|
|
Datasheet |
OX-500 - Oven Controlled Crystal Oscillator - Vectron International, Inc |
|
|
| |||||||||||||||||||||||||||||||||||||
Related Electronics Part Number |
| Part Number | Components Description | Html View | Manufacturer |
| FTS501AH | STRATUM III 14-PIN DIP OVEN CONTROLLED CRYSTAL OSCILLATOR | 1 | Fox Electronics |
| AOCXS | SMD OVEN CONTROLLED CRYSTAL OSCILLATOR | 1 2 3 | Abracon Corporation |
| CO27VH15DE-02-10.000 | OVEN CONTROLLED CRYSTAL OSCILLATOR | 1 2 3 | Crystek Corporation |
| DX-170 | Oven Controlled Crystal Oscillator | 1 2 3 4 | Vectron International, Inc |
| CO27VS05DE-02-10_000 | Oven Controlled Crystal Oscillator | 1 2 3 | Crystek Corporation |
| ASFLV | 3.3Vdc HCMOS SMD VOLTAGE CONTROLLED CRYSTAL OSCILLATOR | 1 2 | Abracon Corporation |
| CVT20 | Temperature Compensated Voltage Controlled Crystal Oscillator 2.0x2.5 mm SMD 2.8V Clipped Sine | 1 | Crystek Corporation |
| AXIS7050C63 | Voltage Controlled Crystal Oscillator | 1 | Advanced XTAL Products |
| ACVX1220L | TTL/CMOS 3.3Vdc VOLTAGE CONTROLLED CRYSTAL OSCILLATOR | 1 2 | Abracon Corporation |
| ASTX-12 | TEMPERATURE COMPENSATED/VOLTAGE CONTROLLED CRYSTAL OSCILLATOR | 1 2 | Abracon Corporation |
Datasheet Page |
1 2 3 4 |
Link URL |
|
|