|
Electronic Component's Datasheet Search Site ![]() Mirror site : alldatasheet.net , alldatasheet.co.kr , cn.alldatasheet.com , alldatasheet.jp , alldatasheet.es , alldatasheet.fr Electronic Components, Parts, Semiconductors, Diode, Triac, LED, Capacitor, Connector, LCD, Relay, Transistor, other information |
Shortcut | |
|
Datasheet |
351HE0A4ZD - Single Turn Bushing Mount Hall Effect Sensor in Size 09 (22.2 mm) - Vishay Siliconix |
|
Click 351HE0A4ZD to view datasheet |
|
||||||||||||||||||||||||||
Related Electronics Part Number |
| Part Number | Components Description | Manufacturer |
| MODEL139 | 1 5/16 33.3 mm Industrial Single Turn Cermet Bushing Mount Model | Vishay Siliconix |
| MODEL140 | 1/2 12.7 mm Single - Turn Wirewound Bushing Mount Type Precision Potentiometer | Vishay Siliconix |
| MODEL162 | 1/2 12.7 mm Ten Turn Wirewound Bushing Mount Precision Potentiometer | Vishay Siliconix |
| ACS706ELC-05C | Bidirectional 1.5 m¥Ø Hall Effect Based Linear Current Sensor with Voltage Isolation and 15 A Dynamic Range | Allegro MicroSystems |
| G6853 | Single Output Hall Effect Switch IC | GTM CORPORATION |
| 3371 | 1-5/16 Diameter Single Turn Conductive Plastic Precision Potentiometer / Position Sensor | Bi technologies |
| MLX90254 | Differential Dynamic Hall Effect Sensor | Melexis Microelectronic Systems |
| MODEL152 | 7/8 22.2 mm Single Turn Wirewound Precision Potentiometer | Vishay Siliconix |
| ACS706ELC-20A | Bidirectional 1.5 m¥Ø Hall Effect Based Linear Current Sensor with Voltage Isolation and 20 A Dynamic Range | Allegro MicroSystems |
Link URL |
|
|
Related keyword |
| 351HE0A4ZD Datasheet | 351HE0A4ZD Cross Reference | 351HE0A4ZD Schematic | 351HE0A4ZD Distributor | 351HE0A4ZD Datenblatt | 351HE0A4ZD RoHS |
| 351HE0A4ZD Equivalent | 351HE0A4ZD Application Notes | 351HE0A4ZD Data Sheet | 351HE0A4ZD component | 351HE0A4ZD Fiche Technique | 351HE0A4ZD Circuit |
Sponsor of Alldatasheet |
|
|
Does ALLDATASHEET.COM help your business so far? |
About Alldatasheet | Advertisement | Partner program | Contact us | Privacy Policy | Bookmark | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com 2003 - 2009 |
| |