|
Electronic Component's Datasheet Search Site ![]() Mirror site (Language) : English , Chinese , German , Japanese , Russian , Korean , Spanish , French , Italian , Portuguese , Polish Electronic Components, Parts, Semiconductors, Diode, Triac, LED, Capacitor, Connector, LCD, Relay, Transistor, other information |
|
Featured Products and Offers |
|
|
Datasheet |
3N80G-TA3-T - 2.5 Amps, 800 Volts N-CHANNEL POWER MOSFET - Unisonic Technologies |
|
|
| |||||||||||||||||||||||||||||||||||||
Related Electronics Part Number |
| Part Number | Components Description | Html View | Manufacturer |
| SFF15N80-3 | 15 AMPS 800 VOLTS 0.60 Ω N-CHANNEL POWER MOSFET | 1 2 | Solid States Devices, Inc |
| MTP20N15E | Power MOSFET 20 Amps 150 Volts N-Channel TO-220 | 1 2 3 4 | ON Semiconductor |
| 4N60 | 4 Amps 600 Volts N-CHANNEL POWER MOSFET | 1 2 3 4 5 More | Unisonic Technologies |
| 3N60 | 3 Amps 600/650 Volts N-CHANNEL POWER MOSFET | 1 2 3 4 5 More | Unisonic Technologies |
| 8N60 | 7.5 Amps 600/650 Volts N-CHANNEL POWER MOSFET | 1 2 3 4 5 More | Unisonic Technologies |
| UF450 | 12 Amps 500 Volts N-CHANNEL POWER MOSFET | 1 2 3 4 5 More | Unisonic Technologies |
| SFF420J | 2.5 AMP 500 VOLTS 3.0 ohm N-Channel Power MOSFET | 1 2 | Solid States Devices, Inc |
| SFF11N80N | 11 AMP / 800 Volts 0.95 ohm N-Channel Power MOSFET | 1 2 | Solid States Devices, Inc |
| 70N06 | 70 Amps 60 Volts N-CHANNEL POWER MOSFET | 1 2 3 4 5 More | Unisonic Technologies |
| SFF50N20M | 50 AMPS 200 VOLTS 0.055 OHM N-Channel POWER MOSFET | 1 2 | Solid States Devices, Inc |
Datasheet Page |
1 2 3 4 5 6 |
Link URL |
|
|