|
Electronic Component's Datasheet Search Site ![]() Mirror site (Language) : English , Chinese , German , Japanese , Russian , Korean , Spanish , French , Italian , Portuguese , Polish Electronic Components, Parts, Semiconductors, Diode, Triac, LED, Capacitor, Connector, LCD, Relay, Transistor, other information |
|
Featured Products and Offers |
|
|
Datasheet |
FSP3127 - 150KHZ 500MA STEP DOWN VOLTAGE REGULATOR - FOSLINK SEMICONDUCTOR CO.,LTD |
|
|
| |||||||||||||||||||||||||||||||||||||
Related Electronics Part Number |
| Part Number | Components Description | Html View | Manufacturer |
| A8447 | High Voltage Step Down Regulator | 1 2 3 4 5 More | Allegro MicroSystems |
| A8697 | Wide Input Voltage 4.0 A Step Down Regulator | 1 2 3 4 5 More | Allegro MicroSystems |
| CM2596S_06 | 3A STEP DOWN VOLTAGE REGULATOR | 1 2 3 4 5 More | Champion Microelectronic Corp. |
| A8498 | Wide Input Voltage 3.0 A Step Down Regulator | 1 2 3 4 5 More | Allegro MicroSystems |
| SC4624 | Low Input Voltage High Efficiency 4A Integrated FET Synchronous Step down DC/DC Regulator | 1 2 3 4 5 More | Semtech Corporation |
| SC4620 | Low Input Voltage High Efficiency 2.5A Integrated FET Synchronous Step down DC/DC Regulator | 1 2 3 4 5 More | Semtech Corporation |
| LM34910C | High Voltage 50V 1.25A Step Down Switching Regulator | Coming Soon | National Semiconductor |
| CM2593 | 2A Step Down VOLTAGE REGULATOR | 1 2 3 4 5 More | Champion Microelectronic Corp. |
| CM2576 | 3A STEP DOWN VOLTAGE REGULATOR | 1 2 3 4 5 More | Champion Microelectronic Corp. |
Datasheet Page |
1 2 3 4 5 6 7 8 |
Link URL |
|
|