|
Electronic Component's Datasheet Search Site ![]() Mirror site (Language) : English , Chinese , German , Japanese , Russian , Korean , Spanish , French , Italian , Portuguese , Polish Electronic Components, Parts, Semiconductors, Diode, Triac, LED, Capacitor, Connector, LCD, Relay, Transistor, other information |
|
Featured Products and Offers |
|
|
Datasheet |
FSP3100 - 1.5 MHZ, 600MA SYNCHRONOUS STEP-DOWN CONVERTER - FOSLINK SEMICONDUCTOR CO.,LTD |
|
|
| |||||||||||||||||||||||||||||||||||||
Related Electronics Part Number |
| Part Number | Components Description | Html View | Manufacturer |
| ST1S09_08 | 2 A 1.5 MHz PWM step-down switching regulator with synchronous rectificationtm | 1 2 3 4 5 More | STMicroelectronics |
| ADP2102 | 600mA 3MHz Synchronous Step-Down DC-DC Converter | 1 2 3 4 5 More | Analog Devices |
| ST2S06A33 | Dual synchronous rectification with reset or inhibit 0.5 A 1.5 MHz adjustable step-down switching regulator | 1 2 3 4 5 More | STMicroelectronics |
| APW7134 | Dual 1.5MHz 600mA Synchronous Step-Down Converter | 1 2 3 4 5 More | Kingbright Corporation |
| EV2104DJ-00A | 600mA Synchronous Buck Step-Down Converter | 1 2 3 4 | Monolithic Power Systems |
| ST1S06XX | Synchronous rectification with inhibit 1.5 A 1.5 MHz fixed or adjustable step-down switching regulator | 1 2 3 4 5 More | STMicroelectronics |
| MP2104 | 1.7MHz 600mA Synchronous Step-Down Converter | 1 2 3 4 5 More | Monolithic Power Systems |
| AMC3100 | 1.5MHz 600mA SYNCHRONOUS STEP-DOWN CONVERTER | 1 2 3 4 5 More | ADDtek Corp |
Datasheet Page |
1 2 3 4 5 6 7 8 9 10 11 |
Link URL |
|
|