Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TDA7381 Datasheet (PDF) - STMicroelectronics

TDA7381 Datasheet PDF - STMicroelectronics
Part # TDA7381
Download  TDA7381 Download

File Size   294.66 Kbytes
Page   10 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description 4 x 25W QUAD BRIDGE CAR RADIO AMPLIFIER

TDA7381 Datasheet (PDF)

Go To PDF Page Download Datasheet
TDA7381 Datasheet PDF - STMicroelectronics

Part # TDA7381
Download  TDA7381 Click to download

File Size   294.66 Kbytes
Page   10 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description 4 x 25W QUAD BRIDGE CAR RADIO AMPLIFIER

TDA7381 Datasheet (HTML) - STMicroelectronics

TDA7381 Datasheet HTML 1Page - STMicroelectronics TDA7381 Datasheet HTML 2Page - STMicroelectronics TDA7381 Datasheet HTML 3Page - STMicroelectronics TDA7381 Datasheet HTML 4Page - STMicroelectronics TDA7381 Datasheet HTML 5Page - STMicroelectronics TDA7381 Datasheet HTML 6Page - STMicroelectronics TDA7381 Datasheet HTML 7Page - STMicroelectronics TDA7381 Datasheet HTML 8Page - STMicroelectronics TDA7381 Datasheet HTML 9Page - STMicroelectronics TDA7381 Datasheet HTML 10Page - STMicroelectronics

TDA7381 Product details

Description
The TDA7381 is a class AB audio power amplifier in Flexiwatt25 package designed for car radio applications. Thanks to the fully complementary PNP/NPN output configuration the TDA7381 allows a rail to rail output voltage swing with no need of bootstrap capacitors..
The extremely reduced components count allows very compact sets. The on-board clipping detector simplifies gain compression operations. The fault diagnostics makes it possible to detect mistakes during car-radio assembly and wiring in the car.

Features
■ High output power capability:
   – 4 x 30 W/4 Ω max.
   – 4 x 25 W/4 Ω EIAJ
   – 4 x 18 W/4 Ω @ 14.4 V, 1 kHz, 10 %
   – 4 x 15 W/4 Ω @ 13.2 V, 1 kHz, 10 %
■ Clipping detector
■ Low distortion
■ Low output noise
■ Standby function
■ Mute function
■ Automute at min. supply voltage detection
■ Diagnostics facility for:
   – Clipping
   – Out to GND short
   – Out to VS short
   – Thermal shutdown
■ Low external component count:
   – Internally fixed gain (26 dB)
   – No external compensation
   – No bootstrap capacitors
■ Protections:
   – Output short circuit to GND, to VS, across the load
   – Very inductive loads
   – Overrating chip temperature with soft thermal limiter
   – Load dump voltage
   – Fortuitous open GND
   – Reversed battery
   – ESD protection




Similar Part No. - TDA7381

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TDA7381 STMICROELECTRONICS-TDA7381 Datasheet
227Kb / 13P
   4 x 25W quad bridge car radio amplifier
TDA7381 STMICROELECTRONICS-TDA7381_08 Datasheet
227Kb / 13P
   4 x 25W quad bridge car radio amplifier
More results


Similar Description - TDA7381

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TDA7381 STMICROELECTRONICS-TDA7381_08 Datasheet
227Kb / 13P
   4 x 25W quad bridge car radio amplifier
TDA7388A STMICROELECTRONICS-TDA7388A Datasheet
213Kb / 13P
   4 x 42W quad bridge car radio amplifier
logo
Shenzhenshi YONGFUKANG ...
TDA7388 YONGFUKANG-TDA7388 Datasheet
232Kb / 9P
   4 X 41W QUAD BRIDGE CAR RADIO AMPLIFIER
logo
STMicroelectronics
TDA7385 STMICROELECTRONICS-TDA7385 Datasheet
322Kb / 12P
   4 x 30W QUAD BRIDGE CAR RADIO AMPLIFIER
TDA7386 STMICROELECTRONICS-TDA7386 Datasheet
310Kb / 9P
   4 x 40W QUAD BRIDGE CAR RADIO AMPLIFIER
logo
Unisonic Technologies
TDA7388 UTC-TDA7388 Datasheet
188Kb / 5P
   4 X 41W QUAD BRIDGE CAR RADIO AMPLIFIER
logo
STMicroelectronics
TDA7389 STMICROELECTRONICS-TDA7389 Datasheet
217Kb / 14P
   4 x 45W quad bridge car radio amplifier
TDA7386 STMICROELECTRONICS-TDA7386_07 Datasheet
346Kb / 14P
   4 x 45W quad bridge car radio amplifier
TDA7384A STMICROELECTRONICS-TDA7384A_07 Datasheet
279Kb / 14P
   4 x 42W quad bridge car radio amplifier
TDA7388 STMICROELECTRONICS-TDA7388 Datasheet
210Kb / 10P
   4 X 41W QUAD BRIDGE CAR RADIO AMPLIFIER
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com