Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

40HF10 Datasheet (PDF) - Vishay Siliconix

40HF10 Datasheet PDF - Vishay Siliconix
Part # 40HF10
Download  40HF10 Download

File Size   123.33 Kbytes
Page   7 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description Standard Recovery Diodes, (Stud Version), 40 A

40HF10 Datasheet (PDF)

Go To PDF Page Download Datasheet
40HF10 Datasheet PDF - Vishay Siliconix

Part # 40HF10
Download  40HF10 Click to download

File Size   123.33 Kbytes
Page   7 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description Standard Recovery Diodes, (Stud Version), 40 A

40HF10 Datasheet (HTML) - Vishay Siliconix

40HF10 Datasheet HTML 1Page - Vishay Siliconix 40HF10 Datasheet HTML 2Page - Vishay Siliconix 40HF10 Datasheet HTML 3Page - Vishay Siliconix 40HF10 Datasheet HTML 4Page - Vishay Siliconix 40HF10 Datasheet HTML 5Page - Vishay Siliconix 40HF10 Datasheet HTML 6Page - Vishay Siliconix 40HF10 Datasheet HTML 7Page - Vishay Siliconix

40HF10 Product details

FEATURES

• High surge current capability

• Stud cathode and stud anode version

• Leaded version available

• Types up to 1600 V VRRM

• RoHS compliant

• Designed and qualified for multiple level



TYPICAL APPLICATIONS

• Battery charges

• Converters

• Power supplies

• Machine tool controls

• Welding




Similar Part No. - 40HF10

ManufacturerPart #DatasheetDescription
logo
Naina Semiconductor ltd...
40HF10 NAINA-40HF10 Datasheet
120Kb / 2P
   Standard Recovery Diodes (Stud and Lead Type)
40HF10 NAINA-40HF10 Datasheet
77Kb / 1P
   SILICON POWER DIODES
logo
New Jersey Semi-Conduct...
40HF10 NJSEMI-40HF10 Datasheet
115Kb / 1P
   Si Rectifiers
logo
International Rectifier
40HF100 IRF-40HF100 Datasheet
138Kb / 9P
   STANDARD RECOVERY DIODES
logo
Naina Semiconductor ltd...
40HF100 NAINA-40HF100 Datasheet
120Kb / 2P
   Standard Recovery Diodes (Stud and Lead Type)
More results


Similar Description - 40HF10

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
VS-40HFR VISHAY-VS-40HFR Datasheet
165Kb / 9P
   Standard Recovery Diodes,(Stud Version), 40 A
Revision: 29-Jan-14
40HFR160M VISHAY-40HFR160M Datasheet
140Kb / 9P
   Standard Recovery Diodes, (Stud Version), 40 A
Revision: 25-May-09
VS-40HFR VISHAY-VS-40HFR_V01 Datasheet
169Kb / 9P
   Standard Recovery Diodes, (Stud Version), 40 A
01-Jan-2022
25FR VISHAY-25FR_12 Datasheet
155Kb / 7P
   Standard Recovery Diodes (Stud Version), 25 A
Revision: 29-Sep-08
85HF10 VISHAY-85HF10_12 Datasheet
152Kb / 9P
   Standard Recovery Diodes, (Stud Version), 85 A
Revision: 25-May-09
200HF40PVL1 VISHAY-200HF40PVL1 Datasheet
101Kb / 6P
   Standard Recovery Diodes (Stud Version), 200 A
Revision: 28-May-08
400U VISHAY-400U Datasheet
101Kb / 6P
   Standard Recovery Diodes (Stud Version), 400 A
Revision: 23-Jun-08
12F VISHAY-12F Datasheet
143Kb / 6P
   Standard Recovery Diodes (Stud Version), 12 A
Revision: 29-Sep-08
25FR VISHAY-25FR Datasheet
136Kb / 6P
   Standard Recovery Diodes(Stud Version), 25 A
Revision: 29-Sep-08
VS-SD300N VISHAY-VS-SD300N Datasheet
210Kb / 8P
   Standard Recovery Diodes (Stud Version), 380 A
Revision: 05-Aug-14
More results




About Vishay Siliconix


Vishay Siliconix is a subsidiary of Vishay Intertechnology, a global manufacturer of passive electronic components.
Vishay Siliconix specializes in the design, manufacturing, and marketing of power MOSFETs, IGBTs, and other power semiconductors.
The company was founded in 1962 and is headquartered in Santa Clara, California.
Vishay Siliconix provides power solutions for a variety of applications, including renewable energy systems, industrial equipment, computing and telecommunications, and automotive electronics.
The company's products are designed for high efficiency, low power consumption, and high reliability, and are manufactured in state-of-the-art facilities using advanced fabrication processes.
With a focus on innovation and customer satisfaction, Vishay Siliconix is committed to providing its customers with the best power management solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com