|
Electronic Component's Datasheet Search Site ![]() Mirror site (Language) : English , Chinese , German , Japanese , Russian , Korean , Spanish , French , Italian , Portuguese , Polish Electronic Components, Parts, Semiconductors, Diode, Triac, LED, Capacitor, Connector, LCD, Relay, Transistor, other information |
|
Featured Products and Offers |
|
|
Datasheet |
TDA2822M - DUAL LOW-VOLTAGE POWER AMPLIFIER - STMicroelectronics |
|
|
| |||||||||||||||||||||||||||||||||||||
Related Electronics Part Number |
| Part Number | Components Description | Html View | Manufacturer |
| CS3004 | Precision Dual Low-voltage Amplifier | 1 2 3 4 5 More | Cirrus Logic |
| CS3014 | Dual Low-power / Low-voltage Precision Amplifier | 1 2 3 4 5 More | Cirrus Logic |
| RMPA2265 | Dual Band WCDMA Power Amplifier Module 1850 to 1910 MHz and 1920 to 1980 MHz | 1 2 3 4 5 More | Fairchild Semiconductor |
| FMPA2151 | 2.4-2.5 GHz and 4.9-5.9 GHz Dual Band Linear Power Amplifier Module | 1 2 3 4 | Fairchild Semiconductor |
| MB3730A | 14W BTL AUDIO POWER AMPLIFIER | 1 2 3 4 5 More | Fujitsu Component Limited. |
| LM2904W | LOW POWER DUAL OPERATIONAL AMPLIFIERS | 1 2 3 4 5 More | STMicroelectronics |
| TDA7297SA | 10W+10W DUAL BRIDGE AMPLIFIER | 1 2 3 4 5 More | STMicroelectronics |
| ADG787 | 2.5 OHM CMOS Low Power Dual 2:1 Mux/Demux USB 1.1 Switch | 1 2 3 4 5 More | Analog Devices |
| P1935 | Power Amplifier 1880-1920 MHz 35 dB min. Gain @ 1900MHz | 1 2 3 4 5 | PREMIER DEVICES, INC. |
| OPA2690 | Dual Wideband Voltage-Feedback OPERATIONAL AMPLIFIER with Disable | 1 2 3 4 5 More | Burr-Brown Corporation |
Datasheet Page |
1 2 3 4 5 6 7 8 9 10 11 |
Link URL |
|
|