|
Electronic Component's Datasheet Search Site ![]() Mirror site (Language) : English , Chinese , German , Japanese , Russian , Korean , Spanish , French , Italian , Portuguese , Polish Electronic Components, Parts, Semiconductors, Diode, Triac, LED, Capacitor, Connector, LCD, Relay, Transistor, other information |
|
Featured Products and Offers |
|
|
Datasheet |
TDA2009A - 10 10W STEREO AMPLIFIER - STMicroelectronics |
|
|
| |||||||||||||||||||||||||||||||||||||
Related Electronics Part Number |
| Part Number | Components Description | Html View | Manufacturer |
| LM4755 | Stereo 11W Audio Power Amplifier with Mute | 1 2 3 4 5 More | National Semiconductor |
| NTE1388 | Integrated Circuit Audio Power Amplifier 5.8W for Car Radio Car Stereo | 1 2 3 | NTE Electronics |
| NTE7146 | Integrated Circuit Dual 12W + 12W Stereo Amplifier w/Muting | 1 2 | NTE Electronics |
| NCP2809 | NOCAP 135 mW Stereo Headphone Power Amplifier | 1 2 3 4 5 More | ON Semiconductor |
| TDA1515BQ | 24 W BTL or 2 x 12 W stereo car radio power amplifier | 1 2 3 4 5 More | NXP Semiconductors |
| TDA7050T | Low voltage mono/stereo power amplifier | 1 2 3 4 5 More | NXP Semiconductors |
| TDA8942P | 2 x 1.5 W stereo Bridge Tied Load BTL audio amplifier | 1 2 3 4 5 More | NXP Semiconductors |
| STA530 | 4 X 50W STEREO BASH POWER AMPLIFIER | 1 2 3 4 5 More | STMicroelectronics |
| LM4912 | Stereo 40mW Low Noise Headphone Amplifier | 1 2 3 4 5 More | National Semiconductor |
| TS486 | 100mW STEREO HEADPHONE AMPLIFIER WITH STANDBY MODE | 1 2 3 4 5 More | STMicroelectronics |
Datasheet Page |
1 2 3 4 5 6 7 8 9 10 11 12 |
Link URL |
|
|