![]() Datasheet Search System ![]() Mirror site : alldatasheet.net, alldatasheet.co.kr cn.alldatasheet.com Components, Electronics Parts, integrated circuits, diodes, triacs, and other semiconductors information |
Shortcut | |
|
Datasheet |
2N6385 - POWER TRANSISTORS(10A,100W) - Mospec Semiconductor |
|
Click Here View 2N6385 Datasheet |
|
||||||||||||||||||||||||||
Related Electronics Part Number |
| Part Number | Components Description | Manufacturer |
| 2N6304 | RF & MICROWAVE DISCRETE LOW POWER TRANSISTORS | Microsemi Corporation |
| MJE13008 | POWER TRANSISTORS 12A 300-400V 100W | Mospec Semiconductor |
| MRF904 | RF & MICROWAVE DISCRETE LOW POWER TRANSISTORS | Microsemi Corporation |
| STK0100II | Thick Film Hybrid Integrated Circuit 100W MIN AF POWER AMP OUTPUT STAGE DPP | Sanyo Semicon Device |
| FQD6N50C | These N-Channel enhancement mode power field effect transistors are produced using Fairchilds proprietary planar stripe DMOS technology | Fairchild Semiconductor |
| T12A6CI | BI-DIRECTIONAL TRIODE THYRISTOR 10A MOLD TRIAC AC POWER CONTROL | KEC(Korea Electronics) |
| CEN-U01A | Power Transistors | Central Semiconductor Corp |
| BUX98 | HIGH POWER NPN SILICON TRANSISTORS | STMicroelectronics |
| LET8180 | RF POWER TRANSISTORS Ldmos Enhanced Technology | STMicroelectronics |
| MJD122 | COMPLEMENTARY SILICON POWER DARLINGTON TRANSISTORS | STMicroelectronics |
Link URL |
|
|
Related keyword |
| 2N6385 Datasheet | 2N6385 Cross Reference | 2N6385 Schematic | 2N6385 Distributor | 2N6385 Datenblatt | 2N6385 RoHS |
| 2N6385 Equivalent | 2N6385 Application Notes | 2N6385 Data Sheet | 2N6385 component | 2N6385 Fiche Technique | 2N6385 Circuit |
|
Does ALLDATASHEET.COM help your business so far? |
All Rights Reserved© Alldatasheet.com 2003 - 2008 Contact us Privacy Policy Bookmark Link Exchange Site link Manufacturer |