|
Electronic Component's Datasheet Search Site ![]() Mirror site : alldatasheet.net , alldatasheet.co.kr , cn.alldatasheet.com , alldatasheet.jp , alldatasheet.es , alldatasheet.fr Electronic Components, Parts, Semiconductors, Diode, Triac, LED, Capacitor, Connector, LCD, Relay, Transistor, other information |
Shortcut | |
|
Datasheet |
3N248 - Glass Passivated Single-Phase Bridge Rectifier - Vishay Siliconix |
|
Click 3N248 to view datasheet |
|
||||||||||||||||||||||||||
Related Electronics Part Number |
| Part Number | Components Description | Manufacturer |
| DF005_06 | 1.0A GLASS PASSIVATED SINGLE-PHASE BRIDGE RECTIFIER | Won-Top Electronics |
| GBPC15S_06 | 15A GLASS PASSIVATED SINGLE-PHASE BRIDGE RECTIFIER | Won-Top Electronics |
| KBL400G_06 | 4.0A GLASS PASSIVATED SINGLE-PHASE BRIDGE RECTIFIER | Won-Top Electronics |
| KBU400G_06 | 4.0A GLASS PASSIVATED SINGLE-PHASE BRIDGE RECTIFIER | Won-Top Electronics |
| GBP200_04 | IN-LINE GLASS PASSIVATED SINGLE-PHASE BRIDGE RECTIFIER | Pan Jit International Inc. |
| GBPC25 | 25A GLASS PASSIVATED SINGLE-PHASE BRIDGE RECTIFIER | Won-Top Electronics |
| KBP005M_06 | 1.5A GLASS PASSIVATED SINGLE-PHASE BRIDGE RECTIFIER | Won-Top Electronics |
| GBP300_04 | IN-LINE GLASS PASSIVATED SINGLE-PHASE BRIDGE RECTIFIER | Pan Jit International Inc. |
| GPJ2500 | GLASS PASSIVATED SINGLE-PHASE BRIDGE RECTIFIER | Pan Jit International Inc. |
| RBU601M | SINGLE-PHASE GLASS PASSIVATED SILICON BRIDGE RECTIFIER | Rectron Semiconductor |
Link URL |
|
|
Related keyword |
| 3N248 Datasheet | 3N248 Cross Reference | 3N248 Schematic | 3N248 Distributor | 3N248 Datenblatt | 3N248 RoHS |
| 3N248 Equivalent | 3N248 Application Notes | 3N248 Data Sheet | 3N248 component | 3N248 Fiche Technique | 3N248 Circuit |
Sponsor of Alldatasheet |
|
|
Does ALLDATASHEET.COM help your business so far? |
About Alldatasheet | Advertisement | Partner program | Contact us | Privacy Policy | Bookmark | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com 2003 - 2009 |
| |