|
Electronic Component's Datasheet Search Site ![]() Mirror site (Language) : English , Chinese , German , Japanese , Russian , Korean , Spanish , French , Italian , Portuguese , Polish Electronic Components, Parts, Semiconductors, Diode, Triac, LED, Capacitor, Connector, LCD, Relay, Transistor, other information |
|
Featured Products and Offers |
|
|
Datasheet |
STW6NA80 - N - CHANNEL 800V - 1.8ohm - 5.4A - TO-247/ISOWATT218 FAST POWER MOS TRANSISTOR - STMicroelectronics |
|
|
| |||||||||||||||||||||||||||||||||||||
Related Electronics Part Number |
| Part Number | Components Description | Html View | Manufacturer |
| STW9NA80 | N - CHANNEL 800V - 0.85ohm - 9.1A - TO-247/ISOWATT218 FAST POWER MOS TRANSISTOR | 1 2 3 4 5 More | STMicroelectronics |
| STH12NA60 | N - CHANNEL ENHANCEMENT MODE FAST POWER MOS TRANSISTOR | 1 2 3 4 5 More | STMicroelectronics |
| STU14NA50 | N - CHANNEL ENHANCEMENT MODE FAST POWER MOS TRANSISTOR | 1 2 3 4 5 | STMicroelectronics |
| STW16NA60 | N - CHANNEL ENHANCEMENT MODE FAST POWER MOS TRANSISTOR | 1 2 3 4 5 | STMicroelectronics |
| STH15NA50 | N - CHANNEL ENHANCEMENT MODE FAST POWER MOS TRANSISTOR | 1 2 3 4 5 More | STMicroelectronics |
| STU6NA100 | N - CHANNEL 1000V - 1.45ohm - 6A - Max220 FAST POWER MOS TRANSISTOR | 1 2 3 4 5 | STMicroelectronics |
| STW20NA50 | N - CHANNEL ENHANCEMENT MODE FAST POWER MOS TRANSISTOR | 1 2 3 4 5 More | STMicroelectronics |
| STW7NA80 | N - CHANNEL ENHANCEMENT MODE FAST POWER MOS TRANSISTOR | 1 2 3 4 5 More | STMicroelectronics |
| STB7NA40 | N - CHANNEL ENHANCEMENT MODE FAST POWER MOS TRANSISTOR | 1 2 3 4 5 More | STMicroelectronics |
Datasheet Page |
1 2 3 4 5 6 7 8 9 10 |
Link URL |
|
|